Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7441G-TR Datasheet(PDF) 4 Page - Rohm

Part # BU7441G-TR
Description  Ground Sense Low Voltage Operation CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7441G-TR Datasheet(HTML) 4 Page - Rohm

  BU7441G-TR Datasheet HTML 1Page - Rohm BU7441G-TR Datasheet HTML 2Page - Rohm BU7441G-TR Datasheet HTML 3Page - Rohm BU7441G-TR Datasheet HTML 4Page - Rohm BU7441G-TR Datasheet HTML 5Page - Rohm BU7441G-TR Datasheet HTML 6Page - Rohm BU7441G-TR Datasheet HTML 7Page - Rohm BU7441G-TR Datasheet HTML 8Page - Rohm BU7441G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200160-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4/40
TSZ22111・15・001
BU7441G BU7441SG BU7442xxx BU7442Sxxx BU7444F BU7444SF
13.Feb.2015 Rev.002
Absolute Maximum Ratings(TA=25°C)
Parameter
Symbol
Rating
Unit
BU7441G
BU7442xxx
BU7444F
Supply Voltage
VDD-VSS
+7
V
Power Dissipation
PD
SSOP5
0.54
(Note1,6)
-
-
W
SOP8
-
0.55
(Note2,6)
-
MSOP8
-
0.47
(Note3,6)
-
VSON008X2030
-
0.41
(Note4,6)
-
SOP14
-
-
0.45
(Note5,6)
Differential Input Voltage
(Note 7)
VID
VDD - VSS
V
Input Common-mode
Voltage Range
VICM
(VSS-0.3) to (VDD+0.3)
V
Input Current
(Note 8)
II
±10
mA
Operating Supply Voltage
Vopr
+1.7V to +5.5V
V
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C
Maximum Junction Temperature
TJmax
+125
°C
(Note 1) To use at temperature above TA=25C reduce 5.4mW/°C.
(Note 2) To use at temperature above TA=25C reduce 5.5mW/°C.
(Note 3) To use at temperature above TA=25C reduce 4.7mW/°C.
(Note 4) To use at temperature above TA=25C reduce 4.1mW/°C.
(Note 5) To use at temperature above TA=25C reduce 4.5mW/°C.
(Note 6) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 7) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VSS.
(Note 8) An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to predict all destructive situations such as
short-circuit modes, open circuit modes, etc. Therefore, it is important to consider circuit protection measures, like adding a fuse, in case the IC is
operated in a special mode exceeding the absolute maximum ratings.
Parameter
Symbol
Rating
Unit
BU7441SG
BU7442Sxxx
BU7444SF
Supply Voltage
VDD-VSS
+7
V
Power Dissipation
PD
SSOP5
0.54
(Note9,14)
-
-
W
SOP8
-
0.55
(Note10,14)
-
MSOP8
-
0.47
(Note11,14)
-
VSON008X2030
-
0.41
(Note12,14)
-
SOP14
-
-
0.45
(Note13,14)
Differential Input Voltage
(Note 15)
VID
VDD - VSS
V
Input Common-mode
Voltage Range
VICM
(VSS-0.3) to (VDD+0.3)
V
Input Current
(Note 16)
II
±10
mA
Operating Supply Voltage
Vopr
+1.7V to +5.5V
V
Operating Temperature
Topr
-40 to +105
°C
Storage Temperature
Tstg
-55 to +125
°C
Maximum Junction Temperature
TJmax
+125
°C
(Note 9) To use at temperature above TA=25C reduce 5.4mW/°C.
(Note 10) To use at temperature above TA=25C reduce 5.5mW/°C.
(Note 11) To use at temperature above TA=25C reduce 4.7mW/°C.
(Note 12) To use at temperature above TA=25C reduce 4.1mW/°C.
(Note 13) To use at temperature above TA=25C reduce 4.5mW/°C.
(Note 14) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 15) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VSS.
(Note 16) An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to predict all destructive situations such as
short-circuit modes, open circuit modes, etc. Therefore, it is important to consider circuit protection measures, like adding a fuse, in case the IC is
operated in a special mode exceeding the absolute maximum ratings.


Similar Part No. - BU7441G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7441G-TR ROHM-BU7441G-TR Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BU7441G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com