Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD12732FJ Datasheet(PDF) 1 Page - Rohm

Part # BD12732FJ
Description  Low Supply Current Input/Output Full Swing Operational Amplifier
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD12732FJ Datasheet(HTML) 1 Page - Rohm

  BD12732FJ Datasheet HTML 1Page - Rohm BD12732FJ Datasheet HTML 2Page - Rohm BD12732FJ Datasheet HTML 3Page - Rohm BD12732FJ Datasheet HTML 4Page - Rohm BD12732FJ Datasheet HTML 5Page - Rohm BD12732FJ Datasheet HTML 6Page - Rohm BD12732FJ Datasheet HTML 7Page - Rohm BD12732FJ Datasheet HTML 8Page - Rohm BD12732FJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
www.rohm.com
TSZ02201-0GMG0G200600-1-2
©2013 ROHM Co., Ltd. All rights reserved.
1/50
14.July.2016.Rev004
TSZ22111・14・001
Datasheet
Operational Amplifiers
Low Supply Current
Input/Output Full Swing
Operational Amplifier
BD12730G
BD12732xxx
BD12734xxx
General Description
BD12730G/BD12732xxx/BD12734xxx are input/output
full swing operational amplifiers. They have the
features of low operating supply voltage, low supply
current, low input referred noise voltage and high
phase
margin.
These
are
suitable
for
audio
applications and battery management.
Features
Low Operating Supply Voltage
Input/Output Full Swing
Low Supply Current
High Phase Margin
Low Input Referred Noise Voltage
Applications
Audio Application
Battery Management
General Purpose
Key Specifications
Operating Supply Voltage (Single Supply):
+1.8V to +5.5V
Operating Temperature Range:
-40°C to +85°C
Input Offset Voltage:
5mV (Max)
Supply Current:
BD12730G(Single)
550µA (Max)
BD12732xxx(Dual)
900µA (Max)
BD12734xxx(Quad)
1800µA (Max)
Input Referred Noise Voltage:
10
Hz
nV/
(Typ)
Adequate Phase Margin:
75°(Typ)
Packages
W(Typ) x D(Typ) x H(Max)
SSOP5
2.90mm x 2.80mm x 1.25mm
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
MSOP8
2.90mm x 4.00mm x 0.90mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
SOP14
8.70mm x 6.20mm x 1.71mm
SOP-J14
8.65mm x 6.00mm x 1.65mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
TSSOP-B14J
5.00mm x 6.40mm x 1.20mm
Pin Configuration
BD12730G
: SSOP5
Pin No.
Pin Name
1
+IN
2
GND
3
-IN
4
OUT
5
V+
1
-
+
2
3
4
5
GND
-IN
+IN
V+
OUT
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.


Similar Part No. - BD12732FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
BD12730G-TR ROHM-BD12730G-TR Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
More results

Similar Description - BD12732FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com