Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7442SFVM-TR Datasheet(PDF) 3 Page - Rohm

Part # BU7442SFVM-TR
Description  Ground Sense Low Voltage Operation CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7442SFVM-TR Datasheet(HTML) 3 Page - Rohm

  BU7442SFVM-TR Datasheet HTML 1Page - Rohm BU7442SFVM-TR Datasheet HTML 2Page - Rohm BU7442SFVM-TR Datasheet HTML 3Page - Rohm BU7442SFVM-TR Datasheet HTML 4Page - Rohm BU7442SFVM-TR Datasheet HTML 5Page - Rohm BU7442SFVM-TR Datasheet HTML 6Page - Rohm BU7442SFVM-TR Datasheet HTML 7Page - Rohm BU7442SFVM-TR Datasheet HTML 8Page - Rohm BU7442SFVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200160-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
3/40
TSZ22111・15・001
BU7441G BU7441SG BU7442xxx BU7442Sxxx BU7444F BU7444SF
13.Feb.2015 Rev.002
Ordering Information
B
U
7
4
4
x
x
x
x
x
-
x x
Part Number
BU7441G
BU7441SG
BU7442xxx
BU7442Sxxx
BU7444F
BU7444SF
Package
G
:ISSOP5
F
: SOP8
F
: SOP14
FVM : MSOP8
NUX : VSON008X2030F
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP14)
TR: Embossed tape and reel
(SSOP5/MSOP8/VSON008X2030)
Line-up
Topr
Channels
Package
Orderable Part Number
-40°C to +85°C
1ch
SSOP5
Reel of 3000
BU7441G-TR
2ch
SOP8
Reel of 2500
BU7442F-E2
MSOP8
Reel of 3000
BU7442FVM-TR
VSON008X2030
Reel of 4000
BU7442NUX-TR
4ch
SOP14
Reel of 2500
BU7444F-E2
-40°C to +105°C
1ch
SSOP5
Reel of 3000
BU7441SG-TR
2ch
SOP8
Reel of 2500
BU7442SF-E2
MSOP8
Reel of 3000
BU7442SFVM-TR
VSON008X2030
Reel of 4000
BU7442SNUX-TR
4ch
SOP14
Reel of 2500
BU7444SF-E2


Similar Part No. - BU7442SFVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7442SFVM-TR ROHM-BU7442SFVM-TR Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BU7442SFVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com