Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC257N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC257N
Description  Quad 2-input multiplexer 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC257N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC257N Datasheet HTML 2Page - NXP Semiconductors 74HC257N Datasheet HTML 3Page - NXP Semiconductors 74HC257N Datasheet HTML 4Page - NXP Semiconductors 74HC257N Datasheet HTML 5Page - NXP Semiconductors 74HC257N Datasheet HTML 6Page - NXP Semiconductors 74HC257N Datasheet HTML 7Page - NXP Semiconductors 74HC257N Datasheet HTML 8Page - NXP Semiconductors 74HC257N Datasheet HTML 9Page - NXP Semiconductors 74HC257N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
1998 Sep 30
6
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state
74HC/HCT257
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
nI0
0.40
nI1
0.40
OE
1.35
S
0.70
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH propagation delay
16
30
38
45
ns
4.5
Fig.6
nI0 to nY
nI1 to nY
tPHL/ tPLH propagation delay
S to nY
20
35
44
53
ns
4.5
Fig.6
tPZH/ tPZL 3-state output enable time
OE to nY
15
30
38
45
ns
4.5
Fig.7
tPHZ/ tPLZ 3-state output disable time
OE to nY
16
30
38
45
ns
4.5
Fig.7
tTHL/ tTLH output transition time
5
12
15
18
ns
4.5
Fig.6


Similar Part No. - 74HC257N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC257N NXP-74HC257N Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
More results

Similar Description - 74HC257N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com