Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7259-3GE Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7259-3GE
Description  LIN Transceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7259-3GE Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7259-3GE Datasheet HTML 1Page - Infineon Technologies AG TLE7259-3GE Datasheet HTML 2Page - Infineon Technologies AG TLE7259-3GE Datasheet HTML 3Page - Infineon Technologies AG TLE7259-3GE Datasheet HTML 4Page - Infineon Technologies AG TLE7259-3GE Datasheet HTML 5Page - Infineon Technologies AG TLE7259-3GE Datasheet HTML 6Page - Infineon Technologies AG TLE7259-3GE Datasheet HTML 7Page - Infineon Technologies AG TLE7259-3GE Datasheet HTML 8Page - Infineon Technologies AG TLE7259-3GE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Type
Package
Marking
TLE7259-3GE
PG-DSO-8
7259-3GE
TLE7259-3LE
PG-TSON-8
7259-3
PG-DSO-8
PG-TSON-8
Data Sheet
3
Rev. 1.0, 2013-08-13
LIN Transceiver
TLE7259-3GE
TLE7259-3LE
TLE7259-3
1Overview
Features
Single-wire LIN transceiver for transmission rates up to 20 kbps
Compliant to ISO 17987-4 and LIN Specification 2.2A
Very low current consumption in sleep mode with wake-up functions
Very low leakage current on the BUS pin
Digital I/O levels compatible with 3.3 V and 5 V microcontrollers
TxD protected with dominant time-out function
Improved receiver performance:
Reduced progration delay and increased delay symmetry
BUS short to
V
BAT protection and BUS short to GND handling
Over temperature protection and supply undervoltage detection
Flash mode supporting accelerated microcontroller programming
Very high ESD robustness, ± 15 kV according to IEC61000-4-2
Optimized for high electromagnetic compatibility (EMC);
Very low emission and high immunity to interference
Availible in standard PG-DSO-8 and leadless PG-TSON-8 packages
PG-TSON-8 package supports Automated Optical Inspection (AOI)
Suitable for 12 V and 24 V board net
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE7259-3 is a transceiver for the Local Interconnect Network (LIN) with integrated wake-up and protection
features. It is designed for in-vehicle networks using data transmission rates from 2.4 kbps to 20 kbps. The
TLE7259-3 operate as a bus driver between the protocol controller and the physical bus of the LIN network.
Compliant to all LIN standards and with a wide operational supply range the TLE7259-3 can be used in all
automotive applications.
The usage of different operation modes and the INH output allow the TLE7259-3 to control external components,
like e.g. voltage regulators. In Sleep-mode the TLE7259-3 draws typically less than 8
μA of quiescent current while
still being able to wake up when detecting LIN bus traffic and a local wake up signalst. The very low leakage current
on the BUS pin makes the TLE7259-3 especially suitable for partially supplied networks.
Based on the Infineon Smart Power Technology SPT®, the TLE7259-3 provides excellent ESD Robustness and
a very high electromagnetic compliance (EMC). The TLE7259-3 reaches very low levels of electromagnetic
emission within a broad frequency range, independent from the battery voltage. The TLE7259-3 and the Infineon
SPT® technology are AEC qualified and tailored to withstand the harsh condition of the automotive environment.


Similar Part No. - TLE7259-3GE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7259-3GE INFINEON-TLE7259-3GE Datasheet
267Kb / 2P
   High-End LIN Transceiver
11/2013
More results

Similar Description - TLE7259-3GE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
   LIN Transceiver
Rev. 1.3, Dec. 2004
TLE7257 INFINEON-TLE7257 Datasheet
2Mb / 31P
   LIN Transceiver
Rev. 1.0, 2013-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com