Electronic Components Datasheet Search |
|
TLE7259-3GE Datasheet(PDF) 11 Page - Infineon Technologies AG |
|
TLE7259-3GE Datasheet(HTML) 11 Page - Infineon Technologies AG |
11 / 32 page TLE7259-3 Functional Description Data Sheet 11 Rev. 1.0, 2013-08-13 4.4 Sleep Mode In order to reduce the current consumption the TLE7259-3 offers a Sleep mode. In Sleep mode the quiescent current on V S and the leakage current on the pin BUS are cut back to a minimum. To switch the TLE7259-3 from Normal Operation mode to Sleep mode, the EN pin has to be set to “Low”. Conversely a logical “High” on the EN pin sets the device directly back to Normal Operation mode (see Figure 4). While the TLE7259-3 is in Sleep mode the following functions are available: • The output stage is disabled and the internal bus terminations are switched off (High Impedance on the pin BUS). The internal current source on the bus pin ensures that the level on the pin BUS remains recessive and protects the LIN network against accidental bus wake-up events. • The receiver stage is turned off. • RxD output pin is “High” if a pull-up resistor is connected to the external microcontroller supply. The TxD pin is disabled. The logical state on the TxD pin is “Low”, due to the internal pull-down resistor. • The INH output is switched off and floating. • The bus wake-up comparator is active and will cause a transition to Stand-By mode in case of a bus wake-up event. • The WK pin is active and turns the TLE7259-3 to Stand-By mode in case of a local wake-up. • The EN pin remains active, switching the EN pin to “High“ changes the operation mode to Normal Slope mode. 4.5 Wake-Up Events A wake-up event changes the operation mode of the TLE7259-3 from Sleep mode to Stand-By mode. There are 3 different ways to wake-up the TLE7259-3 from Sleep mode. • Bus wake-up via a minimum dominant signal ( t WK,bus) on the pin BUS. • Local wake-up via a minimum dominant time ( t WK) on the WK pin. • Mode change from Sleep mode to Normal Operation mode, by setting the EN pin to logical “High”. 4.6 Bus Wake-Up via LIN bus Figure 7 Bus Wake-Up behavior The bus wake-up event, often called remote Wake-Up, changes the operation mode from Sleep mode to Stand- By mode. A falling edge on the LIN bus, followed by a dominant bus signal t > tWK,bus results in a bus wake-up event. The mode change to Stand-By mode becomes active with the following rising edge on the LIN bus. The VBUS VBUS,wk VBUS,wk LIN BUS Signal Sleep Mode Stand-By Mode INH tWK,bus |
Similar Part No. - TLE7259-3GE |
|
Similar Description - TLE7259-3GE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |