Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7250G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7250G
Description  High Speed CAN Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7250G_13 Datasheet HTML 7Page - Infineon Technologies AG TLE7250G_13 Datasheet HTML 8Page - Infineon Technologies AG TLE7250G_13 Datasheet HTML 9Page - Infineon Technologies AG TLE7250G_13 Datasheet HTML 10Page - Infineon Technologies AG TLE7250G_13 Datasheet HTML 11Page - Infineon Technologies AG TLE7250G_13 Datasheet HTML 12Page - Infineon Technologies AG TLE7250G_13 Datasheet HTML 13Page - Infineon Technologies AG TLE7250G_13 Datasheet HTML 14Page - Infineon Technologies AG TLE7250G_13 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TLE7250G
Fail-safe Functions
Data Sheet
11
Rev. 1.1, 2013-07-22
Figure 6
Undervoltage detection on
V
CC
5.5
Overtemperature Protection
Figure 7
Overtemperature protection
The TLE7250G has an integrated overtemperature detection circuit to protect the device against thermal
overstress of the transmitter. In case of an overtemperature condition, the temperature sensor will disable the
transmitter (see Figure 1). After the device cools down, the transmitter is activated again (see Figure 7).
A hysteresis is implemented within the temperature sensor.
supply voltage VCC
power-down reset
level
V
CC(UV)
normal-operating
mode
stand-by
mode
normal-operating mode
1)
NEN = 0
NRM = 1
1) Assuming the logical signals on the pin NEN and on the pin NRM keep its values during the
undervoltage event. In this case NEN remains “low“ and NRM remains “high“.
delay time undervoltage
recovery
t
Delay(UV)
hysteresis
VCC(UV,H)
TxD
t
t
CANH
CANL
RxD
t
Overtemperature event
TJ
t
TJSD
(shut-down temperature)
Cool Down
switch-on transmitter
ΔT


Similar Part No. - TLE7250G_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
More results

Similar Description - TLE7250G_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com