Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6251D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6251D
Description  High Speed CAN-Transceiver with Bus Wake-up
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6251D Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6251D_12 Datasheet HTML 1Page - Infineon Technologies AG TLE6251D_12 Datasheet HTML 2Page - Infineon Technologies AG TLE6251D_12 Datasheet HTML 3Page - Infineon Technologies AG TLE6251D_12 Datasheet HTML 4Page - Infineon Technologies AG TLE6251D_12 Datasheet HTML 5Page - Infineon Technologies AG TLE6251D_12 Datasheet HTML 6Page - Infineon Technologies AG TLE6251D_12 Datasheet HTML 7Page - Infineon Technologies AG TLE6251D_12 Datasheet HTML 8Page - Infineon Technologies AG TLE6251D_12 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
PG-DSO-8-16
Type
Package
Marking
TLE6251D
PG-DSO-8-16
6251D
Data Sheet
3
Rev. 1.0, 2012-07-27
High Speed CAN-Transceiver with Bus Wake-up
TLE6251D
1Overview
Features
Fully compatible with ISO 11898-2 / -5
Wide common mode range for electromagnetic immunity (EMI)
Very low electromagnetic emission (EME)
Excellent ESD immunity
Extended supply range on
V
CC and VIO
V
IO input for voltage adaption to the microcontroller supply
CAN short-circuit proof to ground, battery and VCC
TxD time-out function
Low CAN bus leakage current in power-down state
Overtemperature protection
Protected against automotive transients
CAN data transmission rate up to 1 Mbps
Stand-by mode with remote wake-up function
Wake-up detection by signal change on the RxD output
Power Supply
V
CC can be turned off in stand-by mode
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE6251D is a transceiver designed for CAN networks in automotive and industrial applications. As an
interface between the physical bus layer and the CAN protocol controller, the TLE6251D drives the signals to the
bus and protects the microcontroller against interferences generated within the network. Based on the high
symmetry of the CANH and CANL signals, the TLE6251D provides a very low level of electromagnetic emission
(EME) within a wide frequency range. The TLE6251D is integrated into a RoHS compliant PG-DSO-8-16 package
and fulfills or exceeds the requirements of the ISO11898-2 / -5.
The TLE6251D allows very low quiescent currents in stand-by mode while the device is still able to wake-up by a
bus signal on the CAN bus. Based on the very low leakage currents on the CAN bus interface the TLE6251D
provides an excellent passive behavior in power-down state. These and other features make the TLE6251D
especially suitable for mixed supply CAN networks.
Based on the Infineon Smart Power Technology SPT, the TLE6251D provides excellent ESD immunity together
with a very high electromagnetic immunity (EMI). The TLE6251D and the Infineon SPT technology are AEC
qualified and tailored to withstand the harsh conditions of the Automotive Environment.
Two different operation modes, additional fail-safe features like a TxD time-out, and the optimized output slew
rates on the CANH and CANL signals make the TLE6251D the ideal choice for large CAN networks with high data
transmission rates.


Similar Part No. - TLE6251D_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
More results

Similar Description - TLE6251D_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
   High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
TLE6251-3G INFINEON-TLE6251-3G Datasheet
1Mb / 36P
   High Speed CAN-Transceiver with Wake and Failure Detection
Rev. 1.1, 2011-06-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com