Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8305 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8305
Description  100 dB Range (10 nA to 1 mA) Logarithmic Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305 Datasheet(HTML) 3 Page - Analog Devices

  AD8305 Datasheet HTML 1Page - Analog Devices AD8305 Datasheet HTML 2Page - Analog Devices AD8305 Datasheet HTML 3Page - Analog Devices AD8305 Datasheet HTML 4Page - Analog Devices AD8305 Datasheet HTML 5Page - Analog Devices AD8305 Datasheet HTML 6Page - Analog Devices AD8305 Datasheet HTML 7Page - Analog Devices AD8305 Datasheet HTML 8Page - Analog Devices AD8305 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. A
AD8305
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage VP – VN . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 V
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 500 mW
JA
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
∞C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
∞C
Operating Temperature Range . . . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
∞C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 With package die paddle soldered to thermal pad containing nine vias connected
to inner and bottom layers.
PIN CONFIGURATION
AD8305
12 VOUT
11 SCAL
10 BFIN
9 VLOG
VRDZ 1
VREF 2
IREF 3
INPT 4
PIN 1
INDICATOR
TOP VIEW
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
VRDZ
Top of a Resistive Divider Network that Offsets VLOG to Position the Intercept. Normally connected
to VREF; may also be connected to ground when bipolar outputs are to be provided.
2
VREF
Reference Output Voltage of 2.5 V.
3IREF
Accepts (Sinks) Reference Current, IREF.
4INPT
Accepts (Sinks) Photodiode Current, IPD. Usually connected to photodiode anode such that photo
current flows into INPT.
5
VSUM
Guard Pin. Used to shield the INPT current line and for optional adjustment of the INPT and IREF
node potential.
6, 7
VNEG
Optional Negative Supply, VN. (This pin is usually grounded; for details of usage, see the Applications section).
8
VPOS
Positive Supply, (VP – VN )
£ 12 V.
9
VLOG
Output of the Logarithmic Front End.
10
BFIN
Buffer Amplifier Noninverting Input.
11
SCAL
Buffer Amplifier Inverting Input.
12
VOUT
Buffer Output.
13–16
COMM
Analog Ground.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8305 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8305ACP
–40
∞C to +85∞C
16-Lead LFCSP CP-16
AD8305ACP-REEL7 7" Tape and Reel
AD8305-EVAL
Evaluation Board


Similar Part No. - AD8305

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8305 AD-AD8305 Datasheet
429Kb / 24P
   100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
AD8305 AD-AD8305 Datasheet
560Kb / 24P
   Range Logarithmic Converter
AD8305 AD-AD8305 Datasheet
429Kb / 24P
   100 dB Range Logarithmic Converter
REV. B
AD8305-EVALZ AD-AD8305-EVALZ Datasheet
429Kb / 24P
   100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
AD8305-EVALZ AD-AD8305-EVALZ Datasheet
560Kb / 24P
   Range Logarithmic Converter
More results

Similar Description - AD8305

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8305ACPZ AD-AD8305ACPZ Datasheet
429Kb / 24P
   100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8304 AD-AD8304 Datasheet
4Mb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5306 AD-ADL5306 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
   160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
   100 dB Range Logarithmic Converter
REV. B
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
   Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com