Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62FP5501LB Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC62FP5501LB
Description  POSITIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP5501LB Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC62FP5501LB Datasheet HTML 2Page - Torex Semiconductor XC62FP5501LB Datasheet HTML 3Page - Torex Semiconductor XC62FP5501LB Datasheet HTML 4Page - Torex Semiconductor XC62FP5501LB Datasheet HTML 5Page - Torex Semiconductor XC62FP5501LB Datasheet HTML 6Page - Torex Semiconductor XC62FP5501LB Datasheet HTML 7Page - Torex Semiconductor XC62FP5501LB Datasheet HTML 8Page - Torex Semiconductor XC62FP5501LB Datasheet HTML 9Page - Torex Semiconductor XC62FP5501LB Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
XC62FP Series
290
3
■Electrical Characteristics
Ta=25
°C
XC62FP5002 VOUT(T)=5.0V (Note1)
PARAMETER
SYMBOL
CONDITIONS
Output Voltage
VOUT (E) (Note2)
IOUT=40mA
VIN=6.0V
Load Stability
∆VOUT
Input -Output
Voltage Differential (Note3)
Maximum Output Current
IOUT max
VIN=6.0V, VOUT(E)
≥ 4.5V
VIN=6.0V
1mA
≤ IOUT ≤ 100mA
Ta=25
°C
XC62FP4002 VOUT(T)=4.0V (Note1)
PARAMETER
SYMBOL
CONDITIONS
Output Voltage
VOUT (E) (Note2)
IOUT=40mA
VIN=5.0V
Load Stability
∆VOUT
Input -Output
Voltage Differential (Note3)
Maximum Output Current
IOUT max
VIN=5.0V, VOUT(E)
≥ 3.6V
VIN=5.0V
1mA
≤ IOUT ≤ 100mA
MIN
4.900
2.0
250
TYP
5.000
40
80
MAX
5.100
4.5
UNITS
V
mV
µA
mA
CIRCUIT
1
1
0.2
0.3
%/V
1
2
1
120
300
mV
1
Vdif1
IOUT=100mA
600
380
mV
1
Vdif2
IOUT=200mA
VIN=6.0V
Supply Current
ISS
10
V
Input Voltage
VIN
Input Stability
IOUT=40mA
6.0V
≤ VIN ≤ 10.0V
∆VOUT
∆VIN • VOUT
±100
ppm/
°C
1
Output Voltage
Temperature Characteristics
IOUT=40mA
-40
°C ≤ Topr ≤ 85°C
∆VOUT
∆Topr VOUT
MIN
3.920
2.0
200
TYP
4.000
45
90
MAX
4.080
4.5
UNITS
V
mV
µA
mA
CIRCUIT
1
1
0.2
0.3
%/V
1
2
1
170
330
mV
1
Vdif1
IOUT=100mA
630
400
mV
1
Vdif2
IOUT=200mA
VIN=5.0V
Supply Current
ISS
10
V
Input Voltage
VIN
Input Stability
IOUT=40mA
5.0V
≤ VIN ≤ 10.0V
∆VOUT
∆VIN • VOUT
±100
ppm/
°C
1
Output Voltage
Temperature Characteristics
IOUT=40mA
-40
°C ≤ Topr ≤ 85°C
∆VOUT
∆Topr VOUT
03S_05XC62FP 02.9.12 3:01 PM ページ 290


Similar Part No. - XC62FP5501LB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62FP5001LB TOREX-XC62FP5001LB Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP5001LH TOREX-XC62FP5001LH Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP5001LL TOREX-XC62FP5001LL Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP5001LR TOREX-XC62FP5001LR Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP5001MB TOREX-XC62FP5001MB Datasheet
293Kb / 16P
   Positive Voltage Regulators
More results

Similar Description - XC62FP5501LB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com