Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSQ1515A-82N_ Datasheet(PDF) 1 Page - Frontier Electronics.

Part # LSQ1515A-82N_
Description  SMD SQUARE AIR WOUND COIL SPECIFICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

LSQ1515A-82N_ Datasheet(HTML) 1 Page - Frontier Electronics.

  LSQ1515A-82N_ Datasheet HTML 1Page - Frontier Electronics. LSQ1515A-82N_ Datasheet HTML 2Page - Frontier Electronics. LSQ1515A-82N_ Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LSQ1515A Series – SMD SQUARE AIR WOUND COIL SPECIFICATION Rev. A
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
ELECTRICAL SPECIFICATIONS
:
P/N
Turns
L (nH)
Tolerance
Q (min)
Test Freq (MHz) DCR (m) SRF (GHz)
IRMS (A)
LSQ1515A-47N_
6
47
J, G
230
400
6.35
1.87
4.9
LSQ1515A-68N_
8
68
J, G
230
400
8.60
2.13
5.5
LSQ1515A-82N_
9
82
J, G
230
400
9.40
1.79
5.6
DIMENSIONS: mm (inch)
P/N
a
b
c
d
e
f
LSQ1515A-47N_
4.06
(0.160)
3.56
(0.140)
3.73
(0.147)
3.56
(0.140)
4.45
(0.175)
1.78
(0.070)
LSQ1515A-68N_
5.33
(0.210)
3.56
(0.140)
3.73
(0.147)
4.83
(0.190)
4.45
(0.175)
1.78
(0.070)
LSQ1515A-82N_
5.84
(0.230)
3.56
(0.140)
3.73
(0.147)
5.33
(0.210)
4.45
(0.175)
1.78
(0.070)
(Tol.)
±0.254
(0.010)
±0.178
(0.007)
±0.178
(0.007)
Typ.
Typ.
Typ.
GENERAL INFORMATION:
LSQ1515A-xxx, “LSQ1515A” = P/N, “xxx” = Inductance “_” = Tolerance (G= ±2%, J= ± 5%)
Operating temperature: -40C to +125ºC, Storage temp. : -40ºC to +85ºC
Maximum Temperature Rise: 15ºC (measured at 25ºC ambient)
Inductance & Q measured with HP4291B Impedance Analyzer with HP16193 test fixture
SRF measured using HP8753E Network Analyzer or equivalent
DCR measured using Chroma 16502 or equivalent
MSL: Level 1
High SRF and High-Q Square Surface Mount Air Coils
Inductance: 47 ~ 82 nH
Current: 4.9 ~ 5.6 Amps


Similar Part No. - LSQ1515A-82N_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ1111A FRONTIER-LSQ1111A Datasheet
599Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A-27N_ FRONTIER-LSQ1111A-27N_ Datasheet
599Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A-30N_ FRONTIER-LSQ1111A-30N_ Datasheet
599Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A-33N_ FRONTIER-LSQ1111A-33N_ Datasheet
599Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A-36N_ FRONTIER-LSQ1111A-36N_ Datasheet
599Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
More results

Similar Description - LSQ1515A-82N_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ0707A FRONTIER-LSQ0707A Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2222A FRONTIER-LSQ2222A Datasheet
422Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A FRONTIER-LSQ1111A Datasheet
599Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A FRONTIER-LSQ2929A Datasheet
412Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
logo
WALSIN TECHNOLOGY CORPO...
WLQC2222 WALSIN-WLQC2222 Datasheet
262Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC1111 WALSIN-WLQC1111 Datasheet
258Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC1515 WALSIN-WLQC1515 Datasheet
255Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC2929 WALSIN-WLQC2929 Datasheet
254Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC WALSIN-WLQC Datasheet
280Kb / 9P
   SMD Square Air Wound Coil Inductors
logo
Frontier Electronics.
295A FRONTIER-295A Datasheet
454Kb / 3P
   SMD AIR WOUND COIL SPECIFICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com