Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4206BRU Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4206BRU
Description  Dual RF PLL Frequency Synthesizers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4206BRU Datasheet(HTML) 1 Page - Analog Devices

  ADF4206BRU Datasheet HTML 1Page - Analog Devices ADF4206BRU Datasheet HTML 2Page - Analog Devices ADF4206BRU Datasheet HTML 3Page - Analog Devices ADF4206BRU Datasheet HTML 4Page - Analog Devices ADF4206BRU Datasheet HTML 5Page - Analog Devices ADF4206BRU Datasheet HTML 6Page - Analog Devices ADF4206BRU Datasheet HTML 7Page - Analog Devices ADF4206BRU Datasheet HTML 8Page - Analog Devices ADF4206BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADF4206/ADF4207/ADF4208
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Dual RF PLL Frequency Synthesizers
FUNCTIONAL BLOCK DIAGRAM
OSCILLATOR
CLOCK
DATA
LE
22-BIT
DATA
REGISTER
MUXOUT
ADF4206/ADF4207/ADF4208
CP
RF1
CP
RF2
PHASE
COMPARATOR
OUTPUT
MUX
14-BIT RF2
R-COUNTER
OSCIN
RF1INA
RF1INB
V
DD1VDD2VP1VP2
AGND
RF1
DGND
RF1
DGND
RF2
AGND
RF2
SDOUT
RF2
PRESCALER
RF2INA
11-BIT RF2
B-COUNTER
6-BIT RF2
A-COUNTER
RF2INB
OSC
OUT
N = BP + A
CHARGE
PUMP
RF2
LOCK
DETECT
14-BIT RF1
R-COUNTER
RF1
PRESCALER
11-BIT RF1
B-COUNTER
6-BIT RF1
A-COUNTER
N = BP + A
RF1
LOCK
DETECT
PHASE
COMPARATOR
CHARGE
PUMP
FEATURES
ADF4206: 550 MHz/550 MHz
ADF4207: 1.1 GHz/1.1 GHz
ADF4208: 2.0 GHz/1.1 GHz
2.7 V to 5.5 V Power Supply
Selectable Charge Pump Supply (VP) Allows Extended
Tuning Voltage in 3 V Systems
Selectable Charge Pump Currents
On-Chip Oscillator Circuit
Selectable Dual Modulus Prescaler
RF2: 32/33 or 64/65
RF1: 32/33 or 64/65
3-Wire Serial Interface
Power-Down Mode
APPLICATIONS
Wireless Handsets (GSM, PCS, DCS, CDMA, WCDMA)
Base Stations for Wireless Radio (GSM, PCS, DCS,
CDMA, WCDMA)
Wireless LANS
Communications Test Equipment
CATV Equipment
GENERAL DESCRIPTION
The ADF4206 family of dual frequency synthesizers can be
used to implement local oscillators in the upconversion and
downconversion sections of wireless receivers and transmitters.
Each synthesizer consists of a low-noise digital PFD (Phase
Frequency Detector), a precision charge pump, a programmable
reference divider, programmable A and B counters and a dual-
modulus prescaler (P/P + 1). The A (6-bit) and B (11-bit)
counters, in conjunction with the dual modulus prescaler (P/P + 1),
implement an N divider (N = BP + A). In addition, the 14-bit
reference counter (R Counter), allows selectable REFIN frequen-
cies at the PFD input. The on-chip oscillator circuitry allows
the reference input to be derived from crystal oscillators.
A complete PLL (Phase-Locked Loop) can be implemented if
the synthesizers are used with an external loop filter and VCOs
(Voltage Controlled Oscillators).
Control of all the on-chip registers is via a simple 3-wire interface.
The devices operate with a power supply ranging from 2.7 V
to 5.5 V and can be powered down when not in use.


Similar Part No. - ADF4206BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4207 AD-ADF4207 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results

Similar Description - ADF4206BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4218 AD-ADF4218 Datasheet
227Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com