Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX3-AT Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CX3-AT
Description  Quartz Crystal Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX3-AT Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CX3-AT Datasheet HTML 1Page - IQD Frequency Products Ltd CX3-AT Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX3 AT
Quartz Crystal Specification
ISSUE 1; January 2016
Outline (mm) -C-SM1 = Gold plated (lead free)
with ceramic lid
Description
STATEK’s miniature CX3 AT crystals in leadless ceramic
packages are designed for surface mounting on printed circuit
boards or hybrid substrates. These crystals are low profile and
have a small land pattern.
-C-SM1 Gold plated (lead free) with ceramic lid
-C-SM4 Solder plated (lead free) with ceramic lid
-C-SM5 Solder dipped (lead free) with ceramic lid
-SM1 Gold plated (lead free) glass lid
-SM4 Solder plated (lead free) glass lid
-SM5 Solder dipped (lead free) glass lid
Please note that all data is only valid at 25°C unless otherwise
stated.
Frequency Parameters
Frequency
9.6MHz to 250.0MHz
±100.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
Frequency Stability
±10.00ppm to ±100.00ppm
±5pm max in 1st year @ 25°C
Ageing
Electrical Parameters
10.0pF to 20.0pF
Load Capacitance (CL)
500µW max f≤50MHz,
200µW max f>50MHz
Drive Level
Typical:
Fundamental Frequency
10MHz 32MHz 155.52MHz
Motional Resistance R1 (Ω)
60
25
10
Motional Capacitance C1 (fF) 2.8
6.2
4.0
Quality Factor Q (k)
95
30
30
Shunt Capacitance C0 (pF)
1.4
2.3
2.3
Operating Temperature Ranges
-10 to 70°C
-40 to 85°C
-55 to 125°C
Environmental Parameters
Shock: 3000G, 0.3 ms, 1/2 sine
Vibration: 20G, 10-2000Hz swept sine per MIL-STD-202G,
Method 204D, Cond.D
Storage Temperature Range: -55 to 125°C
Manufacturing Details
Maximum Process Temperature: 260°C for 20 sec
Printed on 25 Apr 16 11:46 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CX3-AT

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CX3-EXT IQD-CX3-EXT Datasheet
217Kb / 3P
   Quartz Crystal Specification
More results

Similar Description - CX3-AT

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com