Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2812 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2812
Description  Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2812 Datasheet(HTML) 4 Page - Analog Devices

  ADN2812 Datasheet HTML 1Page - Analog Devices ADN2812 Datasheet HTML 2Page - Analog Devices ADN2812 Datasheet HTML 3Page - Analog Devices ADN2812 Datasheet HTML 4Page - Analog Devices ADN2812 Datasheet HTML 5Page - Analog Devices ADN2812 Datasheet HTML 6Page - Analog Devices ADN2812 Datasheet HTML 7Page - Analog Devices ADN2812 Datasheet HTML 8Page - Analog Devices ADN2812 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADN2812
Rev. 0 | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
DATA RATE READBACK ACCURACY
Coarse Readback
(See Table 13)
10
%
Fine Readback
In addition to REFCLK accuracy
Data rate < 20 Mb/s
200
ppm
Data rate > 20 Mb/s
100
ppm
POWER SUPPLY VOLTAGE
3.0
3.3
3.6
V
POWER SUPPLY CURRENT
219
235
259
mA
OPERATING TEMPERATURE RANGE
–40
+85
°C
JITTER SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 uF, SLICEP = SLICEN = VEE, Input Data Pattern: PRBS 223 − 1,
unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
PHASE-LOCKED LOOP CHARACTERISTICS
Jitter Transfer BW
OC-48
490
670
kHz
OC-12
71
108
kHz
OC-3
23
35
kHz
Jitter Peaking
OC-48
0
0.03
dB
OC-12
0
0.03
dB
OC-3
0
0.03
dB
Jitter Generation
OC-48, 12 kHz to 20 MHz
0.001
0.002
UI rms
0.02
0.037
UI p-p
OC-12, 12 kHz to 5 MHz
0.001
0.002
UI rms
0.01
0.019
UI p-p
OC-3, 12 kHz to 1.3 MHz
0.001
0.002
UI rms
0.01
0.011
UI p-p
Jitter Tolerance
OC-48, 223 − 1 PRBS
600 Hz
70
92
UI p-p
6 kHz
19
45
UI p-p
100 kHz
3.8
5
UI p-p
1 MHz
0.75
1
UI p-p
20 MHz
0.4
0.6
UI p-p
OC-12, 223 − 1 PRBS
30 Hz3
100
UI p-p
300 Hz1
44
UI p-p
25 kHz
2.5
UI p-p
250 kHz1
1.0
UI p-p
OC-3, 223 − 1 PRBS
30 Hz1
50
UI p-p
300 Hz1
24
UI p-p
6500 Hz
3.5
UI p-p
65 kHz
1.0
UI p-p
3 Jitter tolerance of the ADN2812 at these jitter frequencies is better than what the test equipment is able to measure.


Similar Part No. - ADN2812

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2812ACPZ AD-ADN2812ACPZ Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2812ACPZ-RL AD-ADN2812ACPZ-RL Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2812 AD-ADN2812_15 Datasheet
409Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
Rev. E
More results

Similar Description - ADN2812

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com