Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9123P-G Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV9123P-G
Description  High-Voltage,Current-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9123P-G Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV9123P-G Datasheet HTML 3Page - Supertex, Inc HV9123P-G Datasheet HTML 4Page - Supertex, Inc HV9123P-G Datasheet HTML 5Page - Supertex, Inc HV9123P-G Datasheet HTML 6Page - Supertex, Inc HV9123P-G Datasheet HTML 7Page - Supertex, Inc HV9123P-G Datasheet HTML 8Page - Supertex, Inc HV9123P-G Datasheet HTML 9Page - Supertex, Inc HV9123P-G Datasheet HTML 10Page - Supertex, Inc HV9123P-G Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
HV9123
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9123
C031314
16-Lead SOIC (Narrow Body) Package Outline (NG)
9.90x3.90mm body, 1.75mm height (max), 1.27mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN 1.35* 0.10
1.25
0.31
9.80* 5.80* 3.80*
1.27
BSC
0.25
0.40
1.04
REF
0.25
BSC
0O
5O
NOM
-
-
-
-
9.90
6.00
3.90
-
-
-
-
MAX 1.75
0.25 1.65* 0.51 10.00* 6.20* 4.00*
0.50
1.27
8O
15O
JEDEC Registration MS-012, Variation AC, Issue E, Sept. 2005.
* This dimension is not specified in the JEDEC drawing.
Drawings are not to scale.
Supertex Doc. #: DSPD-16SONG, Version G041309.
Top View
Side View
View A-A
View B
A
A
Seating
Plane
16
1
Seating
Plane
Gauge
Plane
L
L1
L2
θ1
θ
View B
h
h
b
A A2
A1
e
E
E1
D
Note 1
(Index Area
D/2 x E1/2)
Note:
1.
This chamfer feature is optional. If it is not present, then a Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be:
a molded mark/identifier; an embedded metal marker; or a printed indicator.


Similar Part No. - HV9123P-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9123P-G MICROCHIP-HV9123P-G Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9123P-G-M901 MICROCHIP-HV9123P-G-M901 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9123P-G-M934 MICROCHIP-HV9123P-G-M934 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
More results

Similar Description - HV9123P-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com