Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9123PJ-GM910 Datasheet(PDF) 11 Page - Supertex, Inc

Part # HV9123PJ-GM910
Description  High-Voltage,Current-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9123PJ-GM910 Datasheet(HTML) 11 Page - Supertex, Inc

Back Button HV9123PJ-GM910 Datasheet HTML 3Page - Supertex, Inc HV9123PJ-GM910 Datasheet HTML 4Page - Supertex, Inc HV9123PJ-GM910 Datasheet HTML 5Page - Supertex, Inc HV9123PJ-GM910 Datasheet HTML 6Page - Supertex, Inc HV9123PJ-GM910 Datasheet HTML 7Page - Supertex, Inc HV9123PJ-GM910 Datasheet HTML 8Page - Supertex, Inc HV9123PJ-GM910 Datasheet HTML 9Page - Supertex, Inc HV9123PJ-GM910 Datasheet HTML 10Page - Supertex, Inc HV9123PJ-GM910 Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2014 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
11
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
HV9123
Doc.# DSFP-HV9123
C031314
20-Lead PLCC Package Outline (PJ)
.353x.353in body, .180in height (max), .050in pitch
Symbol
A
A1
A2
b
b1
D
D1
E
E1
e
R
Dimension
(inches)
MIN
.165
.090
.062
.013
.026
.385
.350
.385
.350
.050
BSC
.025
NOM
.172
.105
-
-
-
.390
.353
.390
.353
.035
MAX
.180
.120
.083
.021
.032
.395
.356
.395
.356
.045
JEDEC Registration MS-018, Variation AA, Issue A, June, 1993.
Drawings not to scale.
Supertex Doc. #: DSPD-20PLCCPJ, Version C031111
.150max
.048/.042
x 45O
1
.075max
3
8
13
18
D
D1
E1
E
Top View
View
B
A
A2
A1
Seating
Plane
Note 1
(Index Area)
.056/.042
x 45O
Base
Plane
.020min
b
View B
b1
20
Horizontal Side View
Vertical Side View
Note 2
.020max
(3 Places)
R
e
Notes:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.
2.
Actual shape of this feature may vary.


Similar Part No. - HV9123PJ-GM910

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9123PJ SUTEX-HV9123PJ Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
More results

Similar Description - HV9123PJ-GM910

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com