Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG813 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG813
Description  0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG813 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG813 Datasheet HTML 6Page - Analog Devices ADG813 Datasheet HTML 7Page - Analog Devices ADG813 Datasheet HTML 8Page - Analog Devices ADG813 Datasheet HTML 9Page - Analog Devices ADG813 Datasheet HTML 10Page - Analog Devices ADG813 Datasheet HTML 11Page - Analog Devices ADG813 Datasheet HTML 12Page - Analog Devices ADG813 Datasheet HTML 13Page - Analog Devices ADG813 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG811/ADG812/ADG813
Rev. A | Page 10 of 16
FREQUENCY (MHz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.01
0.1
1000
100
10
1
VCC = 3.3V/2.5V/1.8V
TA = 25°C
Figure 15. Crosstalk vs. Frequency
FREQUENCY (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.01
0.1
1000
100
10
1
VCC = 3.3V/2.5V/1.8V
TA = 25°C
Figure 16. Off Isolation vs. Frequency
FREQUENCY (Hz)
0.02
0.04
0.05
0.06
0.08
VDD = 2.5V
TA = 25°C
32
Ω LOAD
1.5V p-p
20
50
100
200
500
1k
2k
5k
10k
20k
Figure 17. Total Harmonic Distortion


Similar Part No. - ADG813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG813YRU AD-ADG813YRU Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG813YRU-REEL AD-ADG813YRU-REEL Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG813YRU-REEL7 AD-ADG813YRU-REEL7 Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG813YRUZ AD-ADG813YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results

Similar Description - ADG813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com