Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJD1117-1.8 Datasheet(PDF) 7 Page - ZP Semiconductor

Part # CJD1117-1.8
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJD1117-1.8 Datasheet(HTML) 7 Page - ZP Semiconductor

  CJD1117-1.8 Datasheet HTML 1Page - ZP Semiconductor CJD1117-1.8 Datasheet HTML 2Page - ZP Semiconductor CJD1117-1.8 Datasheet HTML 3Page - ZP Semiconductor CJD1117-1.8 Datasheet HTML 4Page - ZP Semiconductor CJD1117-1.8 Datasheet HTML 5Page - ZP Semiconductor CJD1117-1.8 Datasheet HTML 6Page - ZP Semiconductor CJD1117-1.8 Datasheet HTML 7Page - ZP Semiconductor CJD1117-1.8 Datasheet HTML 8Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1A LOW DROPOUT LINEAR REGULATOR
ELECTRICAL CHARACTERISTICS (CONTINUED)
Operating Conditions: VIN≤10V, TJ=25
℃ unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
ΔVREF=1%, IOUT=0.1A
1.00
1.1
V
ΔVREF=1%, IOUT=0.5A
1.08
1.18
V
Dropout Voltage
ΔVREF=1%, IOUT=1.0A
1.15
1.25
V
Current Limit
VIN-VOUT=2V
1.25
1.35
A
Adjust Pin Current
60
120
μA
Adjust Pin Current Change
1.4V≤VIN -VOUT ≤10V, 10mA≤IOUT ≤1A
0.2
5
μA
Minimum Load Current (ADJ)
1.5V≤VIN -VOUT ≤10V (ADJ only)
1.7
5
mA
Quiescent Current
VIN= VOUT+1.25V
5
10
mA
Ripple Rejection
f=120Hz, COUT=22μF Tantalum,
VIN-VOUT=3V, IOUT=1A
60
75
dB
Temperature Stability
0.5
%
Long-Term Stability
TA=125
℃, 1000hrs
0.3
%
RMS Output Noise
(% of VOUT)
TA=25
℃, 10Hz≤f ≤10KHz
0.003
%
Thermal Resistance,
Junction to Case
*
SOT-89
SOT-223
TO-252/251
TO-220
TO-263
25
15
10
4.5
4
℃/W
Thermal Shutdown
Junction Temperature
150
Thermal Shutdown Hysteresis
25
* With package soldering to copper area over backside ground plane or internal power plane RΘJA can vary from 46.C/W
to >90.C/W depending on mounting technique and the size of the copper area.
7 of 8
sales@zpsemi.com
www.zpsemi.com
CJU1117-XXX


Similar Part No. - CJD1117-1.8

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJD1117-1.8 ZPSEMI-CJD1117-1.8 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJD1117-1.8 ZPSEMI-CJD1117-1.8 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJD1117-1.8 ZPSEMI-CJD1117-1.8 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJD1117-1.8 ZPSEMI-CJD1117-1.8 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJD1117-1.8 ZPSEMI-CJD1117-1.8 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - CJD1117-1.8

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com