Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5204IPFBR Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5204IPFBR
Description  DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5204IPFBR Datasheet(HTML) 3 Page - Texas Instruments

  ADS5204IPFBR Datasheet HTML 1Page - Texas Instruments ADS5204IPFBR Datasheet HTML 2Page - Texas Instruments ADS5204IPFBR Datasheet HTML 3Page - Texas Instruments ADS5204IPFBR Datasheet HTML 4Page - Texas Instruments ADS5204IPFBR Datasheet HTML 5Page - Texas Instruments ADS5204IPFBR Datasheet HTML 6Page - Texas Instruments ADS5204IPFBR Datasheet HTML 7Page - Texas Instruments ADS5204IPFBR Datasheet HTML 8Page - Texas Instruments ADS5204IPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ADS5204
SBAS268A – JUNE 2002 – REVISED JULY 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over recommended operating conditions with fCLK = 80MHz and use of internal voltage references, and PGA Gain = 0dB, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
AV
DV
DRV
3 3V
64
72
IDD Operating Supply Current
DVDD
AVDD = DVDD = DRVDD = 3.3V,
CL =10pFVIN = 3 5MHz –1dBFS
1.7
2.2
mA
IDD O erating Su ly Current
DRVDD
CL = 10pF, VIN = 3.5MHz, –1dBFS
18
27
mA
Power Dissipation
PD
PWDN_REF = ‘L’
275
345
mW
Power Dissipation
PD
PWDN_REF = ‘H’
240
300
mW
Standby Power
PD(STBY)
STDBY = ‘H’, CLK Held HIGH or LOW
95
150
µW
Power-Up Time for All References from Standby
tPD
550
ms
Wake Up Time
tWU
External Reference
40
µs
Digital Inputs
High-Level Input Current on Digital Inputs incl. CLK
IIH
AVDD =DVDD =DRVDD =36V
–1
+1
µA
Low-Level Input Current on Digital Inputs incl. CLK
IIL
AVDD = DVDD = DRVDD = 3.6V
–1
+1
µA
Digital Outputs
High-Level Output Voltage
VOH
AVDD = DVDD = DRVDD = 3.0V at
IOH = 50µA, Digital Outputs Forced HIGH
2.8
2.96
V
Low-Level Output Voltage
VOL
AVDD = DVDD = DRVDD = 3.0V at
IOL = 50µA, Digital Outputs Forced LOW
0.04
0.2
V
Output Capacitance
CO
5
pF
High-Impedance State Output Current to High–Level
IOZH
AVDD =DVDD =DRVDD =36V
–1
+1
µA
High-Impedance State Output Current to Low–Level
IOZL
AVDD = DVDD = DRVDD = 3.6V
–1
+1
µA
Data Output Rise and Fall Time
CLOAD = 10pF, Single-Bus Mode
3
ns
Data Output Rise-and-Fall Time
CLOAD = 10pF, Dual-Bus Mode
5
ns
Reference Outputs
Reference Top Voltage
VREFTO
Absolute Min/Max Values Valid and
1.9
2
2.1
V
Reference Bottom Voltage
VREFBO
Absolute Min/Max Values Valid and
Tested for AVDD = 3.3V
0.95
1
1.05
V
Differential Reference Votage
REFT – REFB
0.95
1.0
1.05
V
DC Accuracy
Integral Nonlinearity End Point
INL
Internal
TA = 40°C to +85°C
15
±04
+1 5
LSB
Integral Nonlinearity, End Point
INL
Internal
References(1)
TA = –40°C to +85°C
–1.5
±0.4
+1.5
LSB
Differential Nonlinearity
DNL
Internal
References(2)
TA = –40°C to +85°C
–0.9
±0.4
+1.0
LSB
Missing Codes
No Missing Codes Assured
Zero Error(3)
AV
DV
DRV
3 3V
0.12
±1.5
%FS
Full-Scale Error
AVDD = DVDD = DRVDD = 3.3V
External References (3)
0.28
±1.5
%FS
Gain Error
External References (3)
0.24
±1.5
%FS
(1) Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero to full-scale. The point used as zero occurs ½LSB
before the first code transition. The full-scale point is defined as a level
½LSB beyond the last code transition. The deviation is measured from
the center of each particular code to the best-fit line between these two endpoints.
(2) An ideal ADC exhibits code transitions that are exactly 1LSB apart. DNL is the deviation from this ideal value. Therefore this measure indicates
how uniform the transfer function step sizes are. The ideal step size is defined here as the step size for the device under test, (i.e., (last transition
level – first transition level)/(2n – 2)). Using this definition for DNL separates the effects of gain and offset error. A minimum DNL better than
–1LSB ensures no missing codes.
(3) Zero error is defined as the difference in analog input voltage—between the ideal voltage and the actual voltage—that will switch the ADC output
from code 0 to code 1. The ideal voltage level is determined by adding the voltage corresponding to
½LSB to the bottom reference level. The
voltage corresponding to 1LSB is found from the difference of top and bottom references divided by the number of ADC output levels (1024).
Full-scale error is defined as the difference in analog input voltage—between the ideal voltage and the actual voltage—that will switch the ADC
output from code 1022 to code 1023. The ideal voltage level is determined by subtracting the voltage corresponding to 1.5LSB from the top
reference level. The voltage corresponding to 1LSB is found from the difference of top and bottom references divided by the number of ADC
output levels (1024).


Similar Part No. - ADS5204IPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5204IPFBRG4Q1 TI1-ADS5204IPFBRG4Q1 Datasheet
964Kb / 25P
[Old version datasheet]   DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
ADS5204IPFBRQ1 TI1-ADS5204IPFBRQ1 Datasheet
964Kb / 25P
[Old version datasheet]   DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
More results

Similar Description - ADS5204IPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
[Old version datasheet]   DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5203 TI1-ADS5203_15 Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com