Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54250 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS54250
Description  14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS54250 Datasheet(HTML) 2 Page - Texas Instruments

  ADS54250 Datasheet HTML 1Page - Texas Instruments ADS54250 Datasheet HTML 2Page - Texas Instruments ADS54250 Datasheet HTML 3Page - Texas Instruments ADS54250 Datasheet HTML 4Page - Texas Instruments ADS54250 Datasheet HTML 5Page - Texas Instruments ADS54250 Datasheet HTML 6Page - Texas Instruments ADS54250 Datasheet HTML 7Page - Texas Instruments ADS54250 Datasheet HTML 8Page - Texas Instruments ADS54250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADS5422
2
SBAS250C
www.ti.com
DESIRED FULL-SCALE RANGE
SEL1
SEL2
INTERNAL VREF
4Vp-p
GND
GND
2V
3Vp-p
GND
+VSA
1.5V
2Vp-p
VREF
GND
1V
+VSA, +VSD, VDRV ............................................................................... +6V
Analog Input .......................................................... (–0.3V) to (+VS + 0.3V)
Logic Input ............................................................ (–0.3V) to (+VS + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS5422
LQFP-64
PM
–40
°C to +85°C
ADS5422Y
ADS5422Y/ 250
Tape and Reel, 250
"
"""
"
ADS5422Y/1K5
Tape and Reel, 1500
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet..
PACKAGE/ORDERING INFORMATION(1)
TIMING DIAGRAM
NOTE: For external reference operation, tie VREF to +VSA. The full-scale range will be 2x the reference value. For example, selecting a 2V external reference
will set the full-scale values of 1.5V to 3.5V for both IN and IN inputs.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCONV
Clock Period
16.1
1
µsns
tL
Clock Pulse LOW
7.05
tCONV/2
ns
tH
Clock Pulse HIGH
7.05
tCONV/2
ns
tA
Aperture Delay
3
ns
t 1
Data Hold Time, CL = 0pF
3.9
ns
t2
New Data Delay Time, CL = 15pF max
7.7
ns
tDV
Data Valid Output, CL = 15pF
3
ns
10 Clock Cycles
Data Invalid
t
A
t
DV
t
L
t
H
t
CONV
N – 10
N – 9N – 8N – 7N – 6N – 5N – 4N – 3N – 2N – 1N
Data Out
Data Valid Output
Clock
Analog In
N
t
2
N + 1
N + 2
N + 3
N + 4
N + 5
N + 6
N + 7
N + 8
N + 9
N + 10
t
1
REFERENCE AND FULL-SCALE RANGE SELECT
PRODUCT
DESCRIPTION
USER’S GUIDE
ADS5422EVM
Populated Evaluation Board
SBAU084
EVALUATION BOARD


Similar Part No. - ADS54250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5421R BURR-BROWN-ADS5421R Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421T BURR-BROWN-ADS5421T Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421Y BURR-BROWN-ADS5421Y Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS54250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5422 TI1-ADS5422_14 Datasheet
999Kb / 25P
[Old version datasheet]   14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS852 BURR-BROWN-ADS852 Datasheet
63Kb / 5P
   14-Bit, 65MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
Texas Instruments
ADS8324 TI1-ADS8324_15 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI-ADS8324 Datasheet
341Kb / 14P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com