Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV881K7-G Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV881K7-G
Description  Dimmable, Low Noise, 16 channel EL Lamp Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV881K7-G Datasheet(HTML) 7 Page - Supertex, Inc

  HV881K7-G Datasheet HTML 1Page - Supertex, Inc HV881K7-G Datasheet HTML 2Page - Supertex, Inc HV881K7-G Datasheet HTML 3Page - Supertex, Inc HV881K7-G Datasheet HTML 4Page - Supertex, Inc HV881K7-G Datasheet HTML 5Page - Supertex, Inc HV881K7-G Datasheet HTML 6Page - Supertex, Inc HV881K7-G Datasheet HTML 7Page - Supertex, Inc HV881K7-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HV881
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Pin Configuration and External Component Description
Pin #
Pin Name Description
1
REL-Osc
The external resistor from REL-Osc to VDD sets the EL frequency. The EL frequency is inversely
proportional to the external R
EL resistor value. Reducing the resistor value by a factor of two will
result in increasing the EL frequency by two.
2
RSLOPE
The external resistor, R
SL, from RSLOPE to VDD, controls the EL1 - EL16 outputs discharge time.
The equation for the EL1 - EL16 outputs typical fall time is:
t
f(typ) = VCS / ((VDD - 0.85) / (RSL • 3pF))µs.
3
RSW-Osc
The external resistor from RSW-Osc to VDD sets the switch converter frequency. The switch con-
verter frequency is inversely proportional to the R
SW resistor value. Reducing the resistor value by
a factor of two will result in increasing the switch converter frequency by two.
4
VREG
The input voltage to set the V
CS regulation voltage. This pin allows an external voltage source to
control the V
CS amplitude in the range from 0 to 195V.
The output voltage is (403 ± 10%) • V
REG.
The V
REG voltage can also be set by using an external resistor between VREG and VOUT pins.
The output charging rate is inversely proportional to the resistor value.
5
VOUT
Switched and voltage divided to one-third the internal reference voltage. An external resistor be-
tween VREG and VOUT pins controls the V
CS charging rate. If this pin is not used, then it should
be left floating.
6
VDD
The low voltage input supply pin.
7
GND
Device ground.
8
EN
1.7V logic input pin to turn the device ON/OFF. A logic high turns ON the device and a logic LOW
turns the device OFF.
9 – 16
EL16 - EL9 EL lamp 16, EL lamp 15 …. EL lamp 9 connections.
17
COM
The common connection for all the 16 EL lamps.
18 – 25
EL8 - EL1 EL lamp 8, EL lamp 7 …. EL lamp 1 connections.
26
HVGND
High voltage ground. It should be connected to device ground.
27
CS
Connect a 0.001µF to 0.01µF 200V capacitor between this pin and ground. This capacitor stores
the energy transferred from the inductor.
28
SCL
The I2C logic serial clock input pin.
29
SDA
The I2C logic serial data input pin.
30
GATE
The gate control pin for the switching MOSFET. The connection for an external MOSFET.
In general, low R
ON MOSFET’s, which can handle more current, are more suitable to drive larger
size lamps. Also a small value inductor should be used. But as the R
ON value and the inductor
value decrease, the switching frequency of the inductor (controlled by R
SW) should be increased
to avoid inductor saturation.
The external MOSFET threshold voltage minimum value should be equal to V
DD or lower.
31
VDRIVE
Drive voltage for the MOSFET gate voltage. An external bypass capacitor (C
G) is required to
ground.
32
SEL
The external logic signal input pin to set the EL frequency. If this pin is used, the REL-Osc pin
should be connected to ground.
The frequency input at this pin should be at 50% duty cycle and at eight times the desired EL
output frequency. If this pin is not used then it should be left floating. This pin has an internal pull-
down resistor of 1.0MΩ ± 50%.
Center Pad
Center heat slug, externally connected to Ground.


Similar Part No. - HV881K7-G

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HV8 MERCURY-HV8 Datasheet
102Kb / 1P
   Tri-state function available.
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV803LG SUTEX-HV803LG Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV803X SUTEX-HV803X Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
More results

Similar Description - HV881K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
   Low Noise Dimmable EL Lamp Driver
HV860 SUTEX-HV860_09 Datasheet
643Kb / 8P
   Low Noise, Dimmable EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV862 SUTEX-HV862 Datasheet
698Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV816 SUTEX-HV816_12 Datasheet
679Kb / 6P
   High Voltage, Dimmable EL Lamp Driver
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
   Low Noise Dual EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com