Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV881K7-G Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV881K7-G
Description  Dimmable, Low Noise, 16 channel EL Lamp Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV881K7-G Datasheet(HTML) 1 Page - Supertex, Inc

  HV881K7-G Datasheet HTML 1Page - Supertex, Inc HV881K7-G Datasheet HTML 2Page - Supertex, Inc HV881K7-G Datasheet HTML 3Page - Supertex, Inc HV881K7-G Datasheet HTML 4Page - Supertex, Inc HV881K7-G Datasheet HTML 5Page - Supertex, Inc HV881K7-G Datasheet HTML 6Page - Supertex, Inc HV881K7-G Datasheet HTML 7Page - Supertex, Inc HV881K7-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Supertex inc.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
HV881
Features
Sixteen channel EL lamp driver with single common
terminal
1nF maximum load on each of the sixteen channels
Independent dimming capability for all lamps
Sixteen brightness levels for each lamp
1.8 to 5.5V operating supply range
1.7V logic interface
Dedicated enable logic pin
340V
P-P nominal output voltage for high brightness
Low audible noise
Output voltage regulation
EL1 - EL16 outputs fall time control
Two EL frequency controls
External switching MOSFET
I2C data communication control
Single lithium-ion cell compatible
One miniature inductor to power sixteen lamps
Independent lamp and converter frequency setting
Split supply capability
5x5mm, 32-Lead QFN package
Applications
Multi-segment, variable displays
Cell phone keypads and displays
Multi-segment remote controls
Handheld wireless communication products
Global Positioning Systems (GPS)
The HV881 has two internal oscillators and a high voltage
EL lamp driver. An external MOSFET is driven by the switch
oscillator to generate output voltage.
The frequency for the external switching MOSFET is set
by an external resistor connected between the RSW-Osc
pin and the VDD supply pin. The EL lamp driver frequency
can be set by either an external logic signal frequency at
the SEL pin or by an external resistor connected between
the REL-Osc pin and VDD pin. If external frequency is input
at the SEL pin, the REL-Osc pin should be connected to
ground.
An external inductor is connected between the LX and VDD
or VIN pins for split supply applications. Depending upon
the EL lamp sizes, a 1.0 to 10.0nF capacitor is connected
between the CS pin and ground. The C
S capacitor is
connected to the internal H-bridge, and the energy stored
in the capacitor is therefore transferred to the EL lamp.
One side of all the sixteen EL lamps is connected to the
respective EL pins (EL1, EL2, etc.), and the other side is
connected to the COM pin.
The external switching MOSFET charges the inductor and
discharges it into the capacitor at CS. The voltage at CS
will start to increase. Once the voltage at CS reaches the
desired regulation limit, the external switching MOSFET is
turned off to conserve power.
The HV881 allows for controlling the fall time of the EL1
- EL16 outputs by an external resistor from the RSLOPE
pin to the VDD pin. This feature can be used to reduce
the audible noise of the EL lamp or to increase the lamp
brightness.
The brightness of each of the sixteen EL lamps can be
independently controlled to have one of fifteen brightness
levels or can be completely turned off by the serial data
(SDA) input. The serial data input has a 4-bit binary code
for each lamp, to control the brightness level from level 0
to level 15. The brightness is controlled by controlling the
number of EL frequency cycles (from 0 to 15) in a group of
15 cycles.
Dimmable, Low Noise, 16 channel
EL Lamp Driver
General Description
The Supertex HV881 is a 16 channel EL lamp driver with a
single common terminal. It can drive up to a 1nF EL lamp load
(approx. 0.3in2 lamp size) on each of the sixteen channels.
The input supply voltage range is 1.8 to 5.5V. The logic
interface to the device can be as low as 1.7V. The device
has an enable logic input pin to turn the device on or off.
The device is designed to minimize audible noise emitted by
the EL lamp. The HV881 uses an external MOSFET, a single
inductor and minimum number of passive components to
drive all sixteen EL lamps. The device is designed such that
the input voltage to the inductor can be different from the
input voltage to the device (split supply).


Similar Part No. - HV881K7-G

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HV8 MERCURY-HV8 Datasheet
102Kb / 1P
   Tri-state function available.
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV803LG SUTEX-HV803LG Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV803X SUTEX-HV803X Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
More results

Similar Description - HV881K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
   Low Noise Dimmable EL Lamp Driver
HV860 SUTEX-HV860_09 Datasheet
643Kb / 8P
   Low Noise, Dimmable EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV862 SUTEX-HV862 Datasheet
698Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV816 SUTEX-HV816_12 Datasheet
679Kb / 6P
   High Voltage, Dimmable EL Lamp Driver
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
   Low Noise Dual EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com