Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV861 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV861
Description  Dimmable, Low Noise, Dual EL Lamp Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV861 Datasheet(HTML) 3 Page - Supertex, Inc

  HV861_10 Datasheet HTML 1Page - Supertex, Inc HV861_10 Datasheet HTML 2Page - Supertex, Inc HV861_10 Datasheet HTML 3Page - Supertex, Inc HV861_10 Datasheet HTML 4Page - Supertex, Inc HV861_10 Datasheet HTML 5Page - Supertex, Inc HV861_10 Datasheet HTML 6Page - Supertex, Inc HV861_10 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV861
Supertex inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Sym
Parameter
Min
Typ
Max Units Conditions
Electrical Characteristics (cont.)
V
REFH
V
REF output high voltage
1.12
1.26
1.40
V
V
DD = 2.5V to 4.5V
I
REF(SOURCE)
Average sourcing current from V
REF pin
-
6.0
-
µA
V
DD = 2.5V to 4.5V
I
REF(SINK)
Average sinking current from V
REF pin
-
6.0
-
µA
V
DD = 2.5V to 4.5V
I
DDQ
Quiescent V
DD supply current
-
-
300
nA
V
DD = 2.5V,
EN1 = EN2 = PWM = low
-
-
400
V
DD = 3.0V,
EN1 = EN2 = PWM = low
-
-
500
V
DD = 4.5V,
EN1 = EN2 = PWM = low
I
DD
Input current going into the V
DD pin
-
-
250
µA
V
DD = 2.5V to 4.5V, REL = 2.0MΩ,
R
SW = 825kΩ
I
IN
Input current including inductor current
-
25
50
mA
V
IN = 3.2V (see Test Circuit)
f
EL
EL Lamp frequency
160
190
220
Hz
R
EL = 2.0MΩ
f
SW
Switching transistor frequency
84
100
116
kHz
R
SW = 825kΩ
PWM
Input PWM frequency
10
-
100
kHz
---
D
Switching transistor duty cycle
-
88
-
%
---
V
IH
Enable PWM input logic high voltage
1.5
-
V
DD
V
V
DD = 2.5V to 4.5V
V
IL
Enable PWM input logic low voltage
0
-
0.2
V
V
DD = 2.5V to 4.5V
I
IH
Enable PWM input logic high current
-
-
1.0
µA
V
IH = VDD = 2.5V to 4.5V
I
IL
Enable PWM input logic low current
-
-
-1.0
µA
V
IL = 0V, VDD = 2.5V to 4.5V
C
IN
Enable PWM input capacitance
-
-
15
pF
---
Function Table
EN1
EN2
EL1
EL2
COM1
COM2
IC
0
0
Hi Z
Hi Z
Hi Z
Hi Z
OFF
0
1
Hi Z
ON
Hi Z
ON
ON
1
0
ON
Hi Z
ON
Hi Z
ON
1
1
ON
ON
ON
ON
ON
Typical Performance (EL1 lamp size = EL2 lamp size = 3.6in2)
V
DD
(V)
V
IN
(V)
Lamp
I
IN
(mA)
V
CS
(V
PEAK)
f
EL
(Hz)
Lamp Brightness
(cd/m2)
EL1
EL2
3.0
4.0
EL1 ON
16.5
93
188
14.0
-
EL2 ON
16.5
-
14.0
EL1 and EL2 ON
29.8
14.0
14.0


Similar Part No. - HV861_10

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV861K7-G SUTEX-HV861K7-G Datasheet
684Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
More results

Similar Description - HV861_10

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV862 SUTEX-HV862 Datasheet
698Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
   Low Noise Dimmable EL Lamp Driver
HV860 SUTEX-HV860_09 Datasheet
643Kb / 8P
   Low Noise, Dimmable EL Lamp Driver
HV881 SUTEX-HV881 Datasheet
745Kb / 8P
   Dimmable, Low Noise, 16 channel EL Lamp Driver
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843 SUTEX-HV843 Datasheet
428Kb / 6P
   Low Noise Dual EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com