Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV860 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV860
Description  Low Noise, Dimmable EL Lamp Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV860 Datasheet(HTML) 2 Page - Supertex, Inc

  HV860_09 Datasheet HTML 1Page - Supertex, Inc HV860_09 Datasheet HTML 2Page - Supertex, Inc HV860_09 Datasheet HTML 3Page - Supertex, Inc HV860_09 Datasheet HTML 4Page - Supertex, Inc HV860_09 Datasheet HTML 5Page - Supertex, Inc HV860_09 Datasheet HTML 6Page - Supertex, Inc HV860_09 Datasheet HTML 7Page - Supertex, Inc HV860_09 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV860
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Ordering Information
Device
12-Lead QFN
3.00x3.00mm body
0.80mm height (max)
0.50mm pitch
HV860
HV860K7-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
DD, Supply voltage
-0.5V to 6.0V
Operating temperature
-40°C to +85°C
Storage temperature
-65°C to +150°C
Power dissipation:
1.6W
V
CS, Output voltage
-0.5V to +120V
V
REG External input voltage
1.33V
Sym
Parameter
Min
Typ
Max
Units Conditions
Electrical Characteristics
(Over recommended operating conditions unless otherwise specified T
A = 25°C)
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Pin Configuration
Package
θ
ja
12-Lead QFN (K7)
60 °C/W
Thermal Resistance
R
DS(ON)
On-resistance of switching transistor
-
-
6.0
I = 100mA
V
CS
Maximum output regulation voltage
90
-
120
V
V
DD = 2.5V to 4.5V
1
2
3
4
5
6
7
8
9
10
11
12
GND LX
CS
VB
VA
VDD
EN
VREG
VREF
REL-Osc
NC
RSW-Osc
Note:
Pads are at the bottom of the package. Center heat slug is at ground
potential.
Product Marking
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
H860
YWLL
12-Lead QFN (K7)
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units Conditions
V
DD
Supply voltage
2.5
-
4.5
V
---
f
SW
Switching frequency
40
-
200
kHz
---
f
EL
EL output frequency
150
-
500
Hz
---
C
LOAD
EL lamp capacitance load
0
-
20
nF
---
T
A
Operating temperature
-40
-
+85
°C
---
12-Lead QFN (K7)
(top view)
Package may or may not include the following marks: Si or


Similar Part No. - HV860_09

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV860K7-G SUTEX-HV860K7-G Datasheet
320Kb / 7P
   Low Noise Dimmable EL Lamp Driver
More results

Similar Description - HV860_09

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
   Low Noise Dimmable EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV862 SUTEX-HV862 Datasheet
698Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV881 SUTEX-HV881 Datasheet
745Kb / 8P
   Dimmable, Low Noise, 16 channel EL Lamp Driver
HV816 SUTEX-HV816_12 Datasheet
679Kb / 6P
   High Voltage, Dimmable EL Lamp Driver
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
   Low Noise Dual EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com