Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RRA-11015S08A3 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RRA-11015S08A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RRA-11015S08A3 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RRA-11015S08A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RRA-11015S08A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RRA-11015S08A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RRA-11015S08A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1)Thesearestressratings.Exposureofdevicestoanyoftheseconditionsmayadverselyaffectlong-termreliability.
2)(1.5mmfromcase10secMax.)
3)AllspecificationstypicalatTA=25°C,nominalinputvoltageandfullloadunlessotherwisespecified.
4)Theinformationandspecificationcontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
HoweverRSGacceptsnoresponsibilityforconsequencesarisingfromprintingerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
DC/DC-Converter
8.0W Ultra Wide Input
Regulated Single & Dual
• 24 Pin DIL Package
• Ultra Wide Input Range
• 3000VDC Isolation
• EN50155 approval for railway applications
• Continuous Short Circuit Protection
• Over Voltage Protection
• Over Load Protection
• Efficiency up to 86%
• Operating Temperature Range -40° ~ +85°C
• Metal Case
• Under Voltage lock-out circuit
• JRemote on/off Control
OUTPUT SPECIFICATION
Voltageaccuracy: ±1%
Lineregulation:Single&Dual±0.5%max.
LOADREGULATION: from0%to100%Load:±0.5%max.
CrossRegulation(DualOutput): ±5%
OverVoltageProtection(Zener diode clamp):
ZenerDiodeClamp
OverCurrentProtection: 160%ofFl,typ..
ShortCircuitProtection: Indefinite(AutomaticRecovery)
Ripplenoise(20Mhzbandwidth): 75mVpk-pkmax.
Temperaturecoefficient: ±0.02%/°C
Capacitorload: Seetable
TransientRecoveryTime: 250us,typ.
TransientResponse: (Deviation)±3-5%max.
INPUT SPECIFICATIONS
VoltageRange: Seetable
Max.InputCurrent: Seetable
No-Load/Full-LoadInputCurrent: Seetable
InputFilter: PIType
InputReflectedRippleCurrent: 20mApk-pktyp.
RemoteOn/Off(positivelogic): On:3.0~12VDCoropencircuit,
OFF:0~1.2VDCor
Shortcircuitpin1and2/3
OFFidlecurrent:5mAtyp.
OFFidlecurrent: Seetabletyp.
GENERAL SPECIFICATIONS
Efficiency: Seetabletyp.
I/OIsolationVoltage(60sec): 3000VDC
I/OIsolationVoltageMetalCase: 1000VDC
I/OIsolationCapacitance: 1000pFtyp.
I/OIsolationResistance: 1000MOhm
SwitchingFrequency: 330kHz,220kHztyp.
Humidity: 95%relH
ReliabilityCalculatedMTBF: >0.800MHrs
(MIL-HDBK-217f)
SafetyStandard:(designedtomeet): IEC/EN60950-1,EN50155
ENVIRONMENTAL SPECIFICATION
OperatingTemperaturerange: -40°C~+85°C(seeDeratingCurve)
MaximumCaseTemperature: 105°C
StorageTemperature: -55°C~+125°C
Cooling: NatureConvection
PHYSICAL SPECIFICATIONS:
CaseMaterial: Nickel-coatedCopper
BaseMaterial:Non-conductiveBlack
Plastic(UL94V-0rated)
PINMaterial: 0.5mmBrassSoldercoated
PottingMaterial: Epoxy(UL94V-0rated)
WeightCase-DIP: 18.0g
DimmensionDIP: 1.25“x0.8“x0.4“
ABSOLUTE MAXIMUM RATINGS (1)
InputSurgeVoltage(100ms)/
24VModels: 100VDCmax.
SolderingTemperature: 260°Cmax.
EMC SPECIFICATIONS (2)
Radiated-/ConductedEmissions: EN50121-3-2seenoteEMIFilter
ESD: EN50121-3-2Air±8KVPerf.CriteriaA
RS: EN50121-3-220V/mPerf.CriteriaA
EFT: EN50121-3-22.0KVPerf.CriteriaA
SURGE: EN50121-3-22.0KVPerf.CriteriaA
CS: EN50121-3-210VPerf.CriteriaA
PFMF IEC61000-4-810A/mPerf.CriteriaA
DC/DC-Converter
8.0W Ultra Wide Input Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page1(4)


Similar Part No. - RRA-11015S08A3

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
RRA-STAMFORD IRI-RRA-STAMFORD Datasheet
1Mb / 2P
   RRA
More results

Similar Description - RRA-11015S08A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com