Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR9-2412D12A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR9-2412D12A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR9-2412D12A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR9-2412D12A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR9-2412D12A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR9-2412D12A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR9-2412D12A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC/DC-Converter
6.0W Regulated Single &
Dual Output
DC/DC-Converter
12.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page2(4)
2
1. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
2. Measured with 20MHz bandwidth and 1.0uF ceramic capacitor.
3. Tested by minimal Vin and constant resistive load.
4. Tested by normal Vin and 25% load step change ( 75%-50%-25% of Io ).
5. Input filter components (C1, L, C2) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized
to decrease radiated noise.
6. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5 and IEC61000-4-6 .
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 330uF/100V.
7. Exceeding the absolute ratings of the unit could cause damage.
It is not allowed for continuous operating.
+Vout
+Vin
L
C2
DC/DC
Converter
Load
C1
-Vin
-Vout
Derating Curve
100%
75%
50%
25%
-40
-20
0
20
40
60
80 85 105
120
AMBIENT TEMPERATURE(°
C)
MODEL SELECTION GUIDE
RR9-2403S12A1
9-36
15
573
3.3
0
3500
87
2000
RR9-2405S12A1
9-36
15
581
5.1
0
2400
89
2000
RR9-2412S12A1
9-36
15
574
12
0
1000
90
430
RR9-2415S12A1
9-36
15
574
15
0
800
90
300
RR9-2405D12A1
9-36
15
595
±
5
0
±
1200
87
±
1250
RR9-2412D12A1
9-36
15
574
±
12
0
±
500
90
±
200
RR9-2415D12A1
9-36
15
574
±
15
0
±
400
90
±
120
RR9-4803S12A1
18-75
15
286
3.3
0
3500
87
2000
RR9-4805S12A1
18-75
15
290
5.1
0
2400
89
2000
RR9-4812S12A1
18-75
15
287
12
0
1000
90
430
RR9-4815S12A1
18-75
15
287
15
0
800
90
300
RR9-4805D12A1
18-75
15
297
±
5
0
±
1200
87
±
1250
RR9-4812D12A1
18-75
15
287
±
12
0
±
500
90
±
200
RR9-4815D12A1
18-75
15
287
±
15
0
±
400
90
±
120
C1
L
C2
2.2uF, 100V
12uH
2.2uF, 100V
RR9-XXXXS12
2.2uF, 100V
12uH
2.2uF, 100V
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to :
sales@motien.com.tw
S.O.A.
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR9-XXXXD12
RR9 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X
Code
internal
Isolation
(kVDC)


Similar Part No. - RR9-2412D12A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR9-2412D15A1 RSG-RR9-2412D15A1 Datasheet
702Kb / 3P
   DC/DC-Converter
More results

Similar Description - RR9-2412D12A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com