Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR8-2402D12A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR8-2402D12A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR8-2402D12A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR8-2402D12A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR8-2402D12A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR8-2402D12A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR8-2402D12A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
1. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
2. Maximum value at nominal input voltage, Measured with 20MHz bandwidth and 1.0uF ceramic capacitor.
3. Tested by minimal Vin and constant resistive load.
4. Tested by normal Vin and 25% load step change ( 75%-50%-25% of Io ).
5. Input filter components (C1, L) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
6. An external filter capacitor is required if the module has to meet IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 330uF/100V.
7. Exceeding the absolute ratings of the unit could cause damage.
It is not allowed for continuous operating.
+Vout
+Vin
L
DC/DC
Converter
Load
C1
-Vin
-Vout
Derating Curve
100%
75%
50%
25%
-40
-20
0
20
40
60
80 85 100
120
AMBIENT TEMPERATURE(°
C)
RR8 - 12W 2:1 Regulated Single & Dual output
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR8-1202S12
9-18
15
889
2.5
0
3500
85
2000
RR8-1203S12
9-18
15
1146
3.3
0
3500
87
2000
RR8-1205S12
9-18
15
1163
5
0
2400
89
2000
RR8-1212S12
9-18
15
1149
12
0
1000
90
430
RR8-1215S12
9-18
15
1149
15
0
800
90
300
RR8-1212D12
9-18
15
1149
±
12
0
±
500
90
±
200
RR8-1215D12
9-18
15
1136
±
15
0
±
400
91
±
120
RR8-2402S12
18-36
15
445
2.5
0
3500
85
2000
RR8-2403S12
18-36
15
573
3.3
0
3500
87
2000
RR8-2405S12
18-36
15
581
5
0
2400
89
2000
RR8-2412S12
18-36
15
575
12
0
1000
90
430
RR8-2415S12
18-36
15
575
15
0
800
90
300
RR8-2412D12
18-36
15
575
±
12
0
±
500
90
±
200
RR8-2415D12
18-36
15
562
±
15
0
±
400
91
±
120
RR8-4802S12
36-75
15
225
2.5
0
3500
84
2000
RR8-4803S12
36-75
15
283
3.3
0
3500
88
2000
RR8-4805S12
36-75
15
291
5
0
2400
89
2000
RR8-4812S12
36-75
15
294
12
0
1000
88
430
RR8-4815S12
36-75
15
291
15
0
800
89
300
RR8-4812D12
36-75
15
294
±
12
0
±
500
88
±
200
RR8-4815D12
36-75
15
291
±
15
0
±
400
89
±
120
C1
L
RR8-
12XXXXX
100uF, 100V
12uH
RR8-
100uF, 100V
12uH
RR8-
48XXXXX
100uF, 100V
12uH
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to :
sales@motien.com.tw
S.O.A.
VU - 24 12 S 12
Series Name
Watt
Input Voltage Range
12 - 9 ~ 18V
24 - 18 ~ 36V
Output Type
48 - 36 ~ 75V
S - Single output
D - Dual Output
Nominal Output Voltage
2R5 - 2.5V
3R3 - 3.3V
05 - 5V
12 - 12V
15 - 15V
DC/DC-Converter
6.0W Regulated Single &
Dual Output
DC/DC-Converter
12.0W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page2(4)
NOTE
RR8 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X
Code
internal
Isolation
(kVDC)


Similar Part No. - RR8-2402D12A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR8-2403D15A1 RSG-RR8-2403D15A1 Datasheet
604Kb / 3P
   DC/DC-Converter
RR8-2403S15A1 RSG-RR8-2403S15A1 Datasheet
604Kb / 3P
   DC/DC-Converter
RR8-2405D15A1 RSG-RR8-2405D15A1 Datasheet
604Kb / 3P
   DC/DC-Converter
RR8-2405S15A1 RSG-RR8-2405S15A1 Datasheet
604Kb / 3P
   DC/DC-Converter
More results

Similar Description - RR8-2402D12A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com