Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV857LK7-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV857LK7-G
Description  Low Noise, High Voltage EL Lamp Driver IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857LK7-G Datasheet(HTML) 5 Page - Supertex, Inc

  HV857LK7-G Datasheet HTML 1Page - Supertex, Inc HV857LK7-G Datasheet HTML 2Page - Supertex, Inc HV857LK7-G Datasheet HTML 3Page - Supertex, Inc HV857LK7-G Datasheet HTML 4Page - Supertex, Inc HV857LK7-G Datasheet HTML 5Page - Supertex, Inc HV857LK7-G Datasheet HTML 6Page - Supertex, Inc HV857LK7-G Datasheet HTML 7Page - Supertex, Inc HV857LK7-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Supertex inc.
www.supertex.com
Doc.# DSFP-HV857L
A062013
HV857L
Fig. 2: Split Supply and Enable/Disable Configuration
EL Lamp
ON = VDD
OFF = 0V
Enable Signal
L
X
C
S
Regulated Voltage = V
DD
C
IN
D
R
EL
R
SW
C
DD
Battery Voltage = V
IN
1
2
3
4
8
7
6
5
HV857L
VDD
RSW-Osc
REL-Osc
GND
VA
VB
CS
LX
Split Supply Configuration
The HV857L can also be used for handheld devices operat-
ing from a battery where a regulated voltage is available.
This is shown in Fig. 2. The regulated voltage can be used
to run the internal logic of the HV857L. The amount of cur-
rent necessary to run the internal logic is 150µA maximum at
a V
DD of 5.0V. Therefore, the regulated voltage could easily
provide the current without being loaded down.
Enable/Disable Configuration
The HV857L can be easily enabled and disabled via a logic
control signal on the R
SW and REL resistors as shown in Fig.
2 below. The control signal, which can be from a micropro-
cessor, has to track the V
DD supply. RSW and REL are typi-
cally very high values. Therefore, only 10’s of microamperes
will be drawn from the logic signal when it is at a logic high
(enable) state. When the microprocessor signal is high, the
device is enabled, and when the signal is low, it is disabled.
Audible Noise Reduction
The EL lamp, when lit, emits an audible noise. This is due to
EL lamp construction and it creates a major problem for ap-
plications where the EL lamp can be close to the ear such as
cellular phones. The HV857L employs a circuit designed to
help minimize the EL lamp’s audible noise by slowing down
the rise and fall times seen by the EL lamp.
Typical Waveform on V
A, VB and Differential Waveform VA - VB


Similar Part No. - HV857LK7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857LK7-G SUTEX-HV857LK7-G Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results

Similar Description - HV857LK7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_13 Datasheet
931Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com