Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV857 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV857
Description  Low Noise, High Voltage EL Lamp Driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857 Datasheet(HTML) 5 Page - Supertex, Inc

  HV857_13 Datasheet HTML 1Page - Supertex, Inc HV857_13 Datasheet HTML 2Page - Supertex, Inc HV857_13 Datasheet HTML 3Page - Supertex, Inc HV857_13 Datasheet HTML 4Page - Supertex, Inc HV857_13 Datasheet HTML 5Page - Supertex, Inc HV857_13 Datasheet HTML 6Page - Supertex, Inc HV857_13 Datasheet HTML 7Page - Supertex, Inc HV857_13 Datasheet HTML 8Page - Supertex, Inc HV857_13 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Supertex inc.
www.supertex.com
Doc.# DSFP-HV857
A062013
HV857
External Component Description
External
Component
Description
Diode
Fast reverse recovery diode, BAS21 diode or equivalent.
C
S Capacitor
0.003µF to 0.1µF, 100V capacitor to GND is used to store the energy transferred from the inductor.
R
EL Resistor
The EL lamp frequency is controlled via an external R
EL resistor connected between REL-Osc and VDD
of the device. The lamp frequency increases as R
EL decreases. As the EL lamp frequency increases,
the amount of current drawn from the battery will increase and the output voltage V
CS will decrease. The
color of the EL lamp is dependent upon its frequency.
A 2MΩ resistor would provide lamp frequency of 205 to 275Hz. Decreasing the R
EL resistor by a factor
of 2 will increase the lamp frequency by a factor of 2.
f
EL =
(2MΩ)(240Hz)
R
EL
R
SW Resistor
The switching frequency of the converter is controlled via an external resistor, RSW between RSW-Osc
and VDD of the device. The switching frequency increases as R
SW decreases. With a given inductor, as
the switching frequency increases, the amount of current drawn from the battery will decrease and the
output voltage, V
CS, will also decrease.
f
SW =
(560kΩ)(80Hz)
R
SW
L
X Inductor
The inductor L
X is used to boost the low input voltage by inductive flyback. When the internal switch is
on, the inductor is being charged. When the internal switch is off, the charge stored in the inductor will
be transferred to the high voltage capacitor C
S. The energy stored in the capacitor is connected to the
internal H-bridge, and therefore to the EL lamp. In general, smaller value inductors, which can handle
more current, are more suitable to drive larger size lamps. As the inductor value decreases, the switch-
ing frequency of the inductor (controlled by R
SW) should be increased to avoid saturation.
A 220µH Murata (LQH32CN221) inductor with 8.4Ω series DC resistance is typically recommended. For
inductors with the same inductance value, but with lower series DC resistance, lower R
SW resistor value
is needed to prevent high current draw and inductor saturation.
Lamp
As the EL lamp size increases, more current will be drawn from the battery to maintain high voltage
across the EL lamp. The input power, (V
IN x IIN), will also increase. If the input power is greater than
the power dissipation of the package, an external resistor in series with one side of the lamp is recom-
mended to help reduce the package power dissipation.


Similar Part No. - HV857_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
HV857K7-G SUTEX-HV857K7-G Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857LK7-G SUTEX-HV857LK7-G Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857LK7-G SUTEX-HV857LK7-G Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results

Similar Description - HV857_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com