Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX11V-TF Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # CX11V-TF
Description  Quartz Crystal Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX11V-TF Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  CX11V-TF Datasheet HTML 1Page - IQD Frequency Products Ltd CX11V-TF Datasheet HTML 2Page - IQD Frequency Products Ltd CX11V-TF Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CX11V TF
Quartz Crystal Specification
Manufacturing Details
FEATURES:
Ultra-miniature
Low profile (less than 1mm)
Low mass (12mg for SM1 with ceramic lid)
Surface mount
Available with ceramic or glass lid
High shock and vibration survival
Excellent ageing characteristics
Ideal for low power applications
Full military testing available
APPLICATIONS:
Medical -
CRM
Infusion pumps
Diabetes Control
Maximum Process Temperature: 260°C for 20 sec
Ordering Information
Frequency*
Model*
Lid*
Termination Variant*
Frequency Tolerance (@ 25°C)*
Operating Temperature Range*
Load Capacitance*
Overtone
(*minimum required)
Lid Options:
Glass - blank
Thin Glass - T
Ceramic - C
Termination Variants:
Gold Plated - SM1
Solder Plated - SM4
Solder Dipped - SM5
(Note: non-RoHS compliant terminations are available -
please contact our sales offices)
Example
32.7680kHz CX11V TF-C SM1
100/-/-55 to 125C/9 FUND
Compliance
Optional
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tray pack
Pack Style: Tray
Pack Size: 1
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Printed on 25 Apr 16 11:18 using Model Data Sheet V1.2550
Page 2 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CX11V-TF

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
   Surface Mount Quartz Crystal
More results

Similar Description - CX11V-TF

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com