Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJP85N80-TO220-3L Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJP85N80-TO220-3L
Description  N - Channel Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJP85N80-TO220-3L Datasheet(HTML) 1 Page - ZP Semiconductor

  CJP85N80-TO220-3L Datasheet HTML 1Page - ZP Semiconductor CJP85N80-TO220-3L Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-220-3L Plastic-Encapsulate MOSFETS
CJP85N80
N-Channel Power MOSFET
DESCRIPTION
The CJP85N80 uses advanced trench technology and design to
provide excellent RDS(on) with low gate charge. Good stability and
uniformity with high EAS .This device is suitable for use in PWM,
load switching and general purpose applications.
FEATURE
Advanced trench process technology
Special designed for convertors and power controls
High density cell design for ultra low RDS(on)
Fully characterized avalanche voltage and current
Fast switching
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
Special process technology for high ESD capability
APPLICATION
Power switching application
Hard switched and high frequency circuits
Uninterruptible power supply
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source voltage
VDS
85
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
80
Pulsed Drain Current (note 1)
IDM
320
A
Power Dissipation
(note 2 , Ta=25
℃)
2
W
Maximum Power Dissipation
(note 3 , Tc=25
℃)
PD
170
W
Single Pulsed Avalanche Energy (note 4)
EAS
620
mJ
Thermal Resistance from Junction to Ambient
RθJA
62.5
℃/W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55 ~+150
Notes 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. This test is performed with no heat sink at Ta=25
℃.
3. This test is performed with infinite heat sink at Tc=25
℃.
4. EAS condition: Tj=25
℃,VDD=40V,VGS=10V,L=0.5mH,Rg=25Ω.
TO-220-3L
1. GATE
2. DRAIN
3. SOURCE
1 of 2
sales@zpsemi.com
www.zpsemi.com
CJP85N80


Similar Part No. - CJP85N80-TO220-3L

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJP85N80 JIANGSU-CJP85N80 Datasheet
1Mb / 4P
   N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
CJP85N80 DOINGTER-CJP85N80 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - CJP85N80-TO220-3L

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com