Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV204A Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # AQV204A
Description  HF (High Function) Type [1-Channel (Form A) Type]
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV204A Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  AQV204A Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV204A Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV204A Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQV204A Datasheet HTML 4Page - Nais(Matsushita Electric Works) AQV204A Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AQV10r, 20r
187
REFERENCE DATA
1.-(1) Load current vs. ambient temperature
characteristics (DC type)
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
1.-(2) Load current vs. ambient temperature
characteristics (AC/DC type)
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
Type of connection: A
2.-(1) On resistance vs. ambient temperature
characteristics (DC type: AQV101, AQV102)
LED current: 10 mA;
Continuous load current: Max. (DC)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
–40
20
40
60
8085 100
–20
AQV102(A)
AQV101(A)
AQV103(A)
AQV104(A)
Ambient temperature,
°C
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
–40
20
40
60
80 85100
–20
AQV202(A)
AQV201(A)
AQV203(A)
AQV204(A)
Ambient temperature,
°C
1.0
0.8
0.6
0.4
0.2
0
0
–40
20
40
60
80 85
–20
AQV102
AQV101
Ambient temperature,
°C
2.-(2) On resistance vs. ambient temperature
characteristics (DC type: AQV103, AQV104)
LED current: 10 mA;
Continuous load current: Max. (DC)
2.-(3) On resistance vs. ambient temperature
characteristics
(AC/DC type: AQV201, AQV202)
Measured portion: between terminals 4 and 6;
LED current: 10 mA;
Continuous load current: Max. (DC)
2.-(4) On resistance vs. ambient temperature
characteristics
(AC/DC type: AQV203, AQV204)
Measured portion: between terminals 4 and 6;
LED current: 10 mA;
Continuous load current: Max. (DC)
10
8
6
4
2
0
0
–40
20
40
60
80 85
–20
AQV104
AQV103
Ambient temperature,
°C
2.0
1.6
1.2
0.8
0.4
0.2
0.6
1.0
1.4
1.8
0
0
–40
20
40
60
8085
–20
AQV202
AQV201
Ambient temperature,
°C
20
16
12
8
4
2
6
10
14
18
0
0
–40
20
40
60
8085
–20
AQV204
AQV203
Ambient temperature,
°C
3.-(1) Turn on time vs. ambient temperature
characteristics (DC type)
LED current: 10 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
3.-(2) Turn on time vs. ambient temperature
characteristics (AC/DC type)
LED current: 10 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
4.-(1) Turn off time vs. ambient temperature
characteristics (DC type)
LED current: 10 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
–40
20
40
60
8085
–20
AQV102
AQV101
AQV103
AQV104
Ambient temperature,
°C
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
–40
20
40
60
8085
–20
AQV202
AQV201
AQV203
AQV204
Ambient temperature,
°C
0.4
0.3
0.2
0.1
0
0
–40
20
40
60
8085
–20
AQV103
AQV101,AQV102
AQV104
Ambient temperature,
°C
4.-(2) Turn off time vs. ambient temperature
characteristics (AC/DC type)
LED current: 10 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5.-(1) LED operate/turn off current vs. ambient
temperature characteristics (DC type)
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5.-(2) LED operate/turn off current vs. ambient
temperature characteristics (AC/DC type)
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0.4
0.3
0.2
0.1
0
0
–40
20
40
60
8085
–20
AQV203
AQV201,
AQV202
AQV204
Ambient temperature,
°C
5
4
3
2
1
0
0
–40
20
40
60
80 85
–20
AQV103
AQV101
AQV102
Ambient temperature,
°C
AQV104
5
4
3
2
1
0
0
–40
20
40
60
8085
–20
AQV203
AQV202
AQV201
Ambient temperature,
°C
AQV204


Similar Part No. - AQV204A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV20 PANASONIC-AQV20 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV20 PANASONIC-AQV20 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQV20 ETC2-AQV20 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV20 ETC2-AQV20 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV20 ETC2-AQV20 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQV204A

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV251 NAIS-AQV251 Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV453 NAIS-AQV453 Datasheet
56Kb / 3P
   HE (High-function Economy) Type 1- Channel (Form B) Type
AQY272 NAIS-AQY272 Datasheet
52Kb / 4P
   PD Type 1- channel (Form A) Type
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
   HS (High Sensitivity) Type [1-Channel (Form A) Type]
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
   GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
   HE (High-function Economy) Type [2-Channel (Form B) Type]
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQY210LS NAIS-AQY210LS Datasheet
43Kb / 3P
   GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com