Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1A-NH-OK Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # F1A-NH-OK
Description  FAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

F1A-NH-OK Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  F1A-NH-OK Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD F1A-NH-OK Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD F1A-NH-OK Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Date:2014/10/20
Page: 1 of 3
Rev.:AA
SOD- 123FL
VOLTAGE
50 THRU 1000 Volts
1.0 Ampers
CURRENT
Unit:(mm)
FEATURES
MECHANICAL DATA
Production
Data Sheet
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(TA=25°C(UNLESS OTHERWISE NOTED)
Niu Hang
Electronic Co. Ltd
http://www.niuhang.com
F1A THFU F1M
FAST RECOVERY RECTIFIERS
Low profile space
Ideal for automated placement
Glass passivated chip junctions
Low forward voltage drop
Low leakage current
High forward surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Case: JEDEC SOD-123FL molded plastic
body over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Laser band denotes cathode end
DFR1A DFR1B DFR1D DFR1G DFR1J DFR1K DFR1M
UNIT
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
VF
V
IR
μA
trr
250
nS
CJ
p F
TJ, TSTG
Operating junction and storage
temperature range
–55 to +150
Maximum reverse recovery time
at IF = 0.5 A , IR = 1.0 A , Irr = 0.25 A
150
500
Typical junction capacitance at 4.0 V ,1MHz
15
Maximum instantaneous forwad voltage at 1.0A
1.3
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
5.0
50
Maximum average forward rectified current
1
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
25
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Device marking code
F1A
F1B
F1D
F1G
F1J
F1K
F1M
Parameter
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)
1
2
Cathode
Anode
Date:2014/10/20
Page: 1 of 3
Rev.:AA
SOD- 123FL
VOLTAGE
50 THRU 1000 Volts
1.0 Ampers
CURRENT
Unit:(mm)
FEATURES
MECHANICAL DATA
Production
Data Sheet
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(TA=25°C(UNLESS OTHERWISE NOTED)
Niu Hang
Electronic Co. Ltd
http://www.niuhang.com
F1A THFU F1M
FAST RECOVERY RECTIFIERS
Low profile space
Ideal for automated placement
Glass passivated chip junctions
Low forward voltage drop
Low leakage current
High forward surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Case: JEDEC SOD-123FL molded plastic
body over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Laser band denotes cathode end
DFR1A DFR1B DFR1D DFR1G DFR1J DFR1K DFR1M
UNIT
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
VF
V
IR
μA
trr
250
nS
CJ
p F
TJ, TSTG
Operating junction and storage
temperature range
–55 to +150
Maximum reverse recovery time
at IF = 0.5 A , IR = 1.0 A , Irr = 0.25 A
150
500
Typical junction capacitance at 4.0 V ,1MHz
15
Maximum instantaneous forwad voltage at 1.0A
1.3
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
5.0
50
Maximum average forward rectified current
1
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
25
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Device marking code
F1A
F1B
F1D
F1G
F1J
F1K
F1M
Parameter
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)
1
2
Cathode
Anode


Similar Part No. - F1A-NH-OK

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
F1A DYELEC-F1A Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Laird Tech Smart Techno...
F1A LSTD-F1A Datasheet
562Kb / 2P
   CCD cameras
logo
Yangzhou yangjie electr...
F1A YANGJIE-F1A Datasheet
96Kb / 2P
   Fast Recovery Rectifier Diode
logo
First Silicon Co., Ltd
F1A FS-F1A Datasheet
501Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50V ~ 1000V , Forward Current 1.0 Amps
logo
Jinan Gude Electronic D...
F1A1 JGD-F1A1 Datasheet
140Kb / 2P
   1.0 AMP. FAST RECOVRY RECTIFIERS
More results

Similar Description - F1A-NH-OK

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com