Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

506DCR2R3SKV Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 506DCR2R3SKV
Description  High Capacitance ??Very fast charge/discharge ??High power density
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

506DCR2R3SKV Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  506DCR2R3SKV Datasheet HTML 1Page - Illinois Capacitor, Inc. 506DCR2R3SKV Datasheet HTML 2Page - Illinois Capacitor, Inc. 506DCR2R3SKV Datasheet HTML 3Page - Illinois Capacitor, Inc. 506DCR2R3SKV Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DER
Radial lead, +70°C
Capacitance
(F)
WVDC
IC PART NUMBER
Weight
(grams)
Volume
(mL)
Dims
DxL
(mm)
Lead
Spacing
S
(mm)
Lead
Diameter
d
(mm)
10.0
2.3
106DCR2R3SGU
2
1.5708
10x20
5
0.6
22.0
2.3
226DCR2R3STU
3.45
2.4544
12.5x20
5
0.6
30.0
2.3
306DCR2R3STV
3.8
3.068
12.5x25
5
0.6
50.0
2.3
506DCR2R3SKV
7
5.0265
16x25
7.5
0.8
70.0
2.3
706DCR2R3SKY
8.35
7.0372
16x35
7.5
0.8
120.0
2.3
127DCR2R3SLZ
13.3
10.179
18x40
7.5
0.8
220.0
2.3
227DCR2R3SNI
25
17.866
22x47
10
0
400.0
2.3
407DCR2R3SDG
66.31
31.809
30x45
10
0
600.0
2.3
607DCR2R3SDZ
67.15
42.412
30x60
10
0
800.0
2.3
807DCR2R3SEK
73.54
67.348
35x70
10
0


Similar Part No. - 506DCR2R3SKV

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
506DCR2R3SKV ILLINOISCAPACITOR-506DCR2R3SKV Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
506DCR2R3SKV ILLINOISCAPACITOR-506DCR2R3SKV Datasheet
162Kb / 2P
   Very fast charge/discharge ??High power density ??IEC 62391
506DCR2R3SKV ILLINOISCAPACITOR-506DCR2R3SKV Datasheet
120Kb / 1P
   Supercapacitor
More results

Similar Description - 506DCR2R3SKV

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
DCN ILLINOISCAPACITOR-DCN Datasheet
334Kb / 5P
   Very fast charge/discharge ??High power density ??IEC 62391
DCR ILLINOISCAPACITOR-DCR Datasheet
162Kb / 2P
   Very fast charge/discharge ??High power density ??IEC 62391
105DCN2R7S ILLINOISCAPACITOR-105DCN2R7S Datasheet
247Kb / 3P
   Very fast charge/discharge High power density IEC 62391 compliant
logo
Surge Components
MKR SURGE-MKR Datasheet
1Mb / 2P
   high speed charge-discharge
logo
World Produts Inc.
PCPW245 WPI-PCPW245 Datasheet
243Kb / 11P
   High capacitance density
logo
STMicroelectronics
STS9P2UH7 STMICROELECTRONICS-STS9P2UH7 Datasheet
554Kb / 15P
   Very low capacitance and gate charge
logo
SHENZHEN FUMAN ELECTRON...
XPM6320 FUMAN-XPM6320 Datasheet
990Kb / 19P
   20W fast charge and discharge fully integrated power management chip
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com