Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K25 Datasheet(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

Part # K25
Description  SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

K25 Datasheet(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  K25 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD K25 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD K25 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MOUNTING PAD LAYOUT
• Packing information
T/R - 3K per 7" plastic Reel
SOD-123FL
Unit
:inch(mm)
ORDER INFORMATION
http://www.dgniuhang.com
Page: 3 of 3
Date:2014/10/20
Rev.:AA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
0.167
(4.25)
0.106
(2.70)
0.031
(0.78)
K22 THRU K210
SCHOTTKY RECTIFIERS


Similar Part No. - K25

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
K25 SAMYANG-K25 Datasheet
1Mb / 2P
   SCHOTTKY BARRIE R RECTIFIERS
logo
List of Unclassifed Man...
K250 ETC1-K250 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
StarHope
K250 SPSEMI-K250 Datasheet
1Mb / 3P
   Radial leaded Devices
K250-040U SPSEMI-K250-040U Datasheet
1Mb / 3P
   Radial leaded Devices
K250-060U SPSEMI-K250-060U Datasheet
1Mb / 3P
   Radial leaded Devices
More results

Similar Description - K25

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com