Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1005 Datasheet(PDF) 3 Page - Exar Corporation

Part # CLC1005
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1005 Datasheet(HTML) 3 Page - Exar Corporation

  CLC1005 Datasheet HTML 1Page - Exar Corporation CLC1005 Datasheet HTML 2Page - Exar Corporation CLC1005 Datasheet HTML 3Page - Exar Corporation CLC1005 Datasheet HTML 4Page - Exar Corporation CLC1005 Datasheet HTML 5Page - Exar Corporation CLC1005 Datasheet HTML 6Page - Exar Corporation CLC1005 Datasheet HTML 7Page - Exar Corporation CLC1005 Datasheet HTML 8Page - Exar Corporation CLC1005 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© 2007-2015 Exar Corporation
3 / 19
exar.com/CLC1005
Rev 2D
CLC1005, CLC1015, CLC2005
Electrical Characteristics at +2.7V
TA = 25°C, VS = +2.7V, Rf = 2kΩ, RL = 2kΩ to VS/2; G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
GBWP
-3dB Gain Bandwidth Product
86
MHz
UGBW
Unity Gain Bandwidth(1)
G = +1, VOUT = 0.05Vpp
215
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp
85
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
36
MHz
Time Domain
tR, tF
Rise and Fall Time (1)
VOUT = 0.2V step; (10% to 90%)
3.7
ns
tS
Settling Time to 0.1%
VOUT = 1V step
40
ns
OS
Overshoot
VOUT = 0.2V step
9
%
SR
Slew Rate
G = -1, 2.7V step
130
V/μs
Distortion/Noise Response
HD2
2nd Harmonic Distortion (1)
5MHz, VOUT = 1Vpp
79
dBc
HD3
3rd Harmonic Distortion (1)
5MHz, VOUT = 1Vpp
82
dBc
THD
Total Harmonic Distortion (1)
5MHz, VOUT = 1Vpp
77
dB
en
Input Voltage Noise
>1MHz
16
nV/√Hz
in
Input Current Noise
>1MHz
1.3
pA/√Hz
XTALK
Crosstalk(1)
CLC2005, 10MHz
65
dB
DC Performance
VIO
Input Offset Voltage
-1.6
mV
dVIO
Average Drift
10
μV/°C
IB
Input Bias Current
3
μA
dIB
Average Drift
7
nA/°C
IOS
Input Offset Current
0.1
μA
PSRR
Power Supply Rejection Ratio
DC
52
57
dB
AOL
Open Loop Gain
75
dB
IS
Supply Current
3.9
mA
Disable Characteristics (CLC1015)
TON
Turn On Time
150
ns
TOFF
Turn Off Time
25
ns
OFFISO
Off Isolation
5MHz, RL = 100Ω
75
dB
ISD
Disable Supply Current
DIS tied to GND
58
100
μA
Input Characteristics
RIN
Input Resistance
4.3
CIN
Input Capacitance
1.8
pF
CMIR
Common Mode Input Range
-0.3 to 1.5
V
CMRR
Common Mode Rejection Ratio
DC, VCM = 0 to VS - 1.5V
87
dB
Output Characteristics
VOUT
Output Swing
RL = 10kΩ to VS / 2
0.023 to
2.66
V
RL = 2kΩ to VS / 2
0.025 to
2.653
V
RL = 150Ω to VS / 2
0.065 to
2.55
V
IOUT
Output Current
±55
mA
-40°C to +85°C
±50
mA
ISC
Short Circuit Current
VOUT = VS / 2
±85
mA
VS
Power Supply Operating Range
2.5
2.7
5.5
V
Notes:
1. Rf = 1kΩ was used for optimal performance. (For G = +1, Rf = 0)


Similar Part No. - CLC1005

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001ASO8 CADEKA-CLC1001ASO8 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
CLC1001ASO8X CADEKA-CLC1001ASO8X Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
CLC1001AST6X CADEKA-CLC1001AST6X Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
More results

Similar Description - CLC1005

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com