Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108BPS035M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 108BPS035M
Description  Small size ??Non/ Bi- Polar
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108BPS035M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  108BPS035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108BPS035M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BPS
+85°C, Bi-Polar, 2000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
0.47
50
474BPS050M
493.832
11
5x11
0.47
100
474BPS100M
352.737
14
5x11
1
50
105BPS050M
232.101
17
5x11
1
100
105BPS100M
215.522
21
5x11
2.2
50
225BPS050M
105.5
25
5x11
2.2
100
225BPS100M
75.357
36
6.3x11
3.3
50
335BPS050M
70.334
27
5x11
3.3
100
335BPS100M
65.31
39
6.3x11
4.7
50
475BPS050M
49.383
34
5x11
4.7
63
475BPS063M
45.856
34
5x11
4.7
100
475BPS100M
45.856
47
6.3x11
10
35
106BPS035M
24.868
43
5x11
10
50
106BPS050M
23.21
52
6.3x11
10
63
106BPS063M
21.552
57
6.3x11
10
100
106BPS100M
21.552
71
8x11.5
22
16
226BPS016M
16.579
60
5x11
22
35
226BPS035M
11.304
75
6.3x11
22
50
226BPS050M
10.55
89
8x11.5
22
63
226BPS063M
9.796
95
8x11.5
22
100
226BPS100M
9.796
135
10x16
33
16
336BPS016M
11.052
64
5x11
33
25
336BPS025M
10.048
80
6.3x11
33
50
336BPS050M
7.033
105
8x11.5
33
63
336BPS063M
6.531
135
10x12.5
33
100
336BPS100M
6.531
220
12.5x20
47
10
476BPS010M
8.466
76
5x11
47
25
476BPS025M
7.055
95
6.3x11
47
35
476BPS035M
5.291
120
8x11.5
47
50
476BPS050M
4.938
150
10x12.5
47
63
476BPS063M
4.586
180
10x16
47
100
476BPS100M
4.586
240
12.5x20
100
10
107BPS010M
3.979
125
6.3x11
100
25
107BPS025M
3.316
160
8x11.5
100
35
107BPS035M
2.487
230
10x16
100
50
107BPS050M
2.321
265
10x20
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
100
63
107BPS063M
2.155
320
12.5x20
100
100
107BPS100M
2.155
425
16x25
220
10
227BPS010M
1.809
215
8x11.5
220
16
227BPS016M
1.658
275
10x12.5
220
25
227BPS025M
1.507
305
10x16
220
35
227BPS035M
1.13
410
12.5x20
220
50
227BPS050M
1.055
480
12.5x25
220
63
227BPS063M
0.98
575
16x25
220
100
227BPS100M
0.98
720
18x35.5
330
6.3
337BPS6R3M
1.407
265
8x11
330
16
337BPS016M
1.105
375
10x16
330
35
337BPS035M
0.754
505
12.5x20
330
50
337BPS050M
0.7033
650
16x25
330
63
337BPS063M
0.653
655
16x31.5
330
100
337BPS100M
0.653
720
18x35.5
470
6.3
477BPS6R3M
0.988
370
10x12.5
470
10
477BPS010M
0.847
410
10x16
470
16
477BPS016M
0.776
485
10x20
470
25
477BPS025M
0.705
540
12.5x20
470
35
477BPS035M
0.529
655
12.5x25
470
50
477BPS050M
0.494
835
16x31.5
470
63
477BPS063M
0.459
965
18x35.5
470
100
477BPS100M
0.459
1030
18x42
1000
6.3
108BPS6R3M
0.464
650
10x20
1000
10
108BPS010M
0.398
720
12.5x20
1000
16
108BPS016M
0.365
855
12.5x25
1000
25
108BPS025M
0.332
950
16x25
1000
35
108BPS035M
0.249
1140
16x31.5
2200
6.3
228BPS6R3M
0.211
1160
13x25
2200
10
228BPS010M
0.211
1280
16x25
2200
16
228BPS016M
0.196
1510
16x31.5
2200
25
228BPS025M
0.181
1620
18x35.5
3300
10
338BPS010M
0.151
1690
16x31.5
3300
16
338BPS016M
0.141
1980
18x35.5
4700
10
478BPS010M
0.113
2160
18x35.5


Similar Part No. - 108BPS035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108BPS035M ILLINOISCAPACITOR-108BPS035M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
108BPS035M ILLINOISCAPACITOR-108BPS035M Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
108BPS035M ILLINOISCAPACITOR-108BPS035M Datasheet
231Kb / 2P
   Bi-Polar, 2000 hours
108BPS035M ILLINOISCAPACITOR-108BPS035M Datasheet
102Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results

Similar Description - 108BPS035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
BPA ILLINOISCAPACITOR-BPA Datasheet
212Kb / 2P
   Small size ??Non/ Bi-Polar
NPS ILLINOISCAPACITOR-NPS Datasheet
192Kb / 2P
   Small size ??Non/Bi-polar
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
475PBM050M ILLINOISCAPACITOR-475PBM050M Datasheet
127Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
685PBM035M ILLINOISCAPACITOR-685PBM035M Datasheet
127Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
106BPS050M ILLINOISCAPACITOR-106BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
336BPS050M ILLINOISCAPACITOR-336BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
336BPS063M ILLINOISCAPACITOR-336BPS063M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com