Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C1024A-15TI Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C1024A-15TI
Description  5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024A-15TI Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

  AS7C1024A-15TI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024A-15TI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024A-15TI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024A-15TI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024A-15TI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024A-15TI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024A-15TI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024A-15TI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024A-15TI Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ASAS7C1024A
ASAS7C31024A
© C opyright A lliance S em iconductor C orporation. A ll rights reserved. O ur three-point logo, our nam e and Intelliw att are tradem arks or registered tradem arks of A lliance. A ll other brand and
product nam es m ay be the tradem arks of their respective com panies. A lliance reserves the right to m ake changes to this docum ent and its products at any tim e w ithout notice. A lliance assum es no
responsibility for any errors that m ay appear in this docum ent. T he data contained herein represents A lliance’s best data and/or estim ates at the tim e of issuance. A lliance reserves the right to
change or correct this data at any tim e, w ithout notice. If the product described herein is under developm ent, significant changes to these specifications are possible. T he inform ation in this
product data sheet is intended to be general descriptive inform ation for potential custom ers and users, and is not intended to operate as, or provide, any guarantee or w arrantee to any user or
custom er. A lliance does not assum e any responsibility or liability arising out of the application or use of any product described herein, and disclaim s any express or im plied w arranties related to
the sale and/or use of A lliance products including liability or w arranties related to fitness for a particular purpose, m erchantability, or infringem ent of any intellectual property rights, except as
express agreed to in A lliance’s T erm s and C onditions of Sale (w hich are available from A lliance). A ll sales of A lliance products are m ade exclusively according to A lliance’s T erm s and
C onditions of Sale. T he purchase of products from A lliance does not convey a license under any patent rights, copyrights, m ask w orks rights, tradem arks, or any other intellectual property rights
of A lliance or third parties. A lliance does not authorize its products for use as critical com ponents in life-supporting system s w here a m alfunction or failure m ay reasonably be expected to result
in significant injury to the user, and the inclusion of A lliance products in such life-supporting system s im plies that the m anufacturer assum es all risk of such use and agrees to indem nify A lliance
against all claim s arising from such use.
9/26/02; 0.9.9
Alliance Semiconductor
P. 9 of 9
®
Ordering codes
Package \ Access
time
Volt/Temp
10 ns
12 ns
15 ns
20 ns
Plastic SOJ, 300 mil
5V commercial
AS7C1024A-10TJC
AS7C1024A-12TJC
AS7C1024A-15TJC
AS7C1024A-20TJC
5V industrial
AS7C1024A-10TJI
AS7C1024A-12TJI
AS7C1024A-15TJI
AS7C1024A-20TJI
3.3V commercial
AS7C31024A-10TJC
AS7C31024A-12TJC
AS7C31024A-15TJC
AS7C31024A-20TJC
3.3V industrial
AS7C31024A-10TJI
AS7C31024A-12TJI
AS7C31024A-15TJI
AS7C31024A-20TJI
Plastic SOJ, 400 mil
5V commercial
AS7C1024A-10JC
AS7C1024A-12JC
AS7C1024A-15JC
AS7C1024A-20JC
5V industrial
AS7C1024A-10JI
AS7C1024A-12JI
AS7C1024A-15JI
AS7C1024A-20JI
3.3V commercial
AS7C31024A-10JC
AS7C31024A-12JC
AS7C31024A-15JC
AS7C31024A-20JC
3.3V industrial
AS7C31024A-10JI
AS7C31024A-12JI
AS7C31024A-15JI
AS7C31024A-20JI
TSOP1 8×20 mm
5V commercial
AS7C1024A-10TC
AS7C1024A-12TC
AS7C1024A-15TC
AS7C1024A-20TC
5V industrial
AS7C1024A-10TI
AS7C1024A-12TI
AS7C1024A-15TI
AS7C1024A-20TI
3.3V commercial
AS7C31024A-10TC
AS7C31024A-12TC
AS7C31024A-15TC
AS7C31024A-20TC
3.3V industrial
AS7C31024A-10TI
AS7C31024A-12TI
AS7C31024A-15TI
AS7C31024A-20TI
sTSOP1
8 x 13.4mm
5V commercial
AS7C1024A-10STC
AS7C1024A-12STC
AS7C1024A-15STC
AS7C1024A-20STC
5V industrial
AS7C1024A-10STI
AS7C1024A-12STI
AS7C1024A-15STI
AS7C1024A-20STI
3.3V commercial
AS7C31024A-10STC
AS7C31024A-12STC
AS7C31024A-15STC
AS7C31024A-20STC
3.3V industrial
AS7C31024A-10STI
AS7C31024A-12STI
AS7C31024A-15STI
AS7C31024A-20STI
Part numbering system
AS7C
X
1024A
–XX
X
X
SRAM
prefix
Blank=5V CMOS
3=3.3V CMOS
Device
number
Access
time
Package:T=TSOP1 8×20 mm
ST=sTSOP1 8 x 13.4 mm
J=SOJ 400 mil
TJ=SOJ 300 mil
Temperature range
C = Commercial, 0°C to 70°C
I = Industrial, -40°C to 85°C


Similar Part No. - AS7C1024A-15TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10JC ALSC-AS7C1024B-10JC Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10JCN ALSC-AS7C1024B-10JCN Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10STC ALSC-AS7C1024B-10STC Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10STCN ALSC-AS7C1024B-10STCN Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results

Similar Description - AS7C1024A-15TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com