Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1211R Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF1211R
Description  N-channel dual-gate MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1211R Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF1211R Datasheet HTML 2Page - NXP Semiconductors BF1211R Datasheet HTML 3Page - NXP Semiconductors BF1211R Datasheet HTML 4Page - NXP Semiconductors BF1211R Datasheet HTML 5Page - NXP Semiconductors BF1211R Datasheet HTML 6Page - NXP Semiconductors BF1211R Datasheet HTML 7Page - NXP Semiconductors BF1211R Datasheet HTML 8Page - NXP Semiconductors BF1211R Datasheet HTML 9Page - NXP Semiconductors BF1211R Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2003 Dec 16
6
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1211; BF1211R; BF1211WR
handbook, halfpage
0
2.5
25
0
5
10
15
20
0.5
1
1.5
2
MDB829
(1)
(2)
(3)
(4)
(5)
(6)
(7)
ID
(mA)
VG1-S (V)
Fig.5 Transfer characteristics; typical values.
VDS = 5 V; Tj =25 °C.
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.
handbook, halfpage
02
4
24
0
8
16
6
MDB830
ID
(mA)
VDS (V)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Fig.6 Output characteristics; typical values.
VG2-S = 4 V; Tj =25 °C.
(1) VG1-S = 1.5 V.
(2) VG1-S = 1.4 V.
(3) VG1-S = 1.3 V.
(4) VG1-S = 1.2 V.
(5) VG1-S = 1.1 V.
(6) VG1-S =1V.
(7) VG1-S = 0.9 V.
(8) VG1-S = 0.8 V.
handbook, halfpage
0
100
0
20
40
60
80
0.5
1
1.5
2
MDB831
IG1
(
µA)
VG1-S (V)
(1)
(2)
(3)
(5)
(4)
(6)
(7)
Fig.7
Gate 1 current as a function of gate 1
voltage; typical values.
VDS = 5 V; Tj =25 °C.
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.
handbook, halfpage
06
30
40
30
10
0
20
12
18
24
MDB832
yfs
(mS)
ID (mA)
(1)
(2)
(3)
(4)
(5)
(6)
Fig.8
Forward transfer admittance as a function
of drain current; typical values.
VDS = 5 V; Tj =25 °C.
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.


Similar Part No. - BF1211R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1211R NXP-BF1211R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF1211R

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com