Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6054503 Datasheet(PDF) 2 Page - SICK AG

Part # 6054503
Description  PRESSURE SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6054503 Datasheet(HTML) 2 Page - SICK AG

  6054503 Datasheet HTML 1Page - SICK AG 6054503 Datasheet HTML 2Page - SICK AG 6054503 Datasheet HTML 3Page - SICK AG 6054503 Datasheet HTML 4Page - SICK AG 6054503 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PBSH-RB1X0ST2S0BMA0Z | PBS Hygienic
PRESSURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
PBSH-RB1X0ST2S0BMA0Z
6054503
Other models and accessories
www.sick.com/PBS_Hygienic
Detailed technical data
Features
Medium
Liquid, gaseous
Pressure type
Gauge pressure
Measuring range
0 bar ... 1 bar
Overpressure safety
2-fold
Process temperature
–20 °C ... +100 °C, +135 °C for max. 1 h
Maximum ohmic load RA
≤ 0.5 kΩ
Zero point adjustment
Max. + 3 % of span
Output signal
1 x PNP + 4 mA ... 20 mA
Rotatable housing
Display
EHEDG approval
✔ 1)
1) EHEDG conformity with clamp connection only in combination with a Kalrez® stainless steel gasket from Dupont de Nemours or with a T-ring seal from Combifit In-
ternational B.V.
Performance
Non-linearity
≤ ± 0.5 %, of span (Best Fit Straight Line, BFSL) according to IEC 61298-2
Accuracy
≤ ± 1 % of the span including non-linearity, hysteresis, zero point and full scale error (corre-
sponds to error of measurement as per IEC 61298-2)
Setting accuracy of switching outputs
≤ ± 0.5 % of span
Response time
3 ms
Long-term drift/one-year stability
≤ ± 0.2 % of the span according to IEC 61298-2
Temperature coefficient in rated tempera-
ture range
Typical TC of the zero point: in temperature range 0 °C ... 20 °C: 0.7% of the range / 10 K; in
temperature range 20 °C ... 80 °C: 0.2% of span / 10 K.
Typical TC of span: in temperature range 0 °C ... 80 °C: 0.1% of span / 10 K
Rated temperature range
0 °C ... +80 °C
Mechanics/electronics
Process connection
Tri-Clamp 2''
Wetted parts
Stainless steel 1.4435 / 316L
2
FLUID SENSORS | SICK
Online data sheet | 2016-07-27 14:33:08
Subject to change without notice


Similar Part No. - 6054503

ManufacturerPart #DatasheetDescription
logo
SICK AG
6054538 SICK-6054538 Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
6054541 SICK-6054541 Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
6054544 SICK-6054544 Datasheet
795Kb / 5P
   HAND-HELD SCANNERS
6054556 SICK-6054556 Datasheet
785Kb / 5P
   HAND-HELD SCANNERS
6054566 SICK-6054566 Datasheet
787Kb / 5P
   HAND-HELD SCANNERS
More results

Similar Description - 6054503

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com