Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF58G Datasheet(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SF58G
Description  SUPER FAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SF58G Datasheet(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  SF58G Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SF58G Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SF58G Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page: 3 of 3
Date:2014/10/20
Rev.:AA
Production
Data Sheet
• Packing information
ORDER INFORMATION
T/B-1250pcs Per Box.
Fig.6- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
Niu Hang
Electronic Co. Ltd
http://www.niuhang.com
SF51G THRU SF58G
SUPER FAST RECOVERY RECTIFIERS


Similar Part No. - SF58G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF58G MCC-SF58G Datasheet
120Kb / 1P
   5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Microdiode Electronics ...
SF58G CHENDA-SF58G Datasheet
570Kb / 2P
   SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF58G MIC-SF58G Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Yangzhou yangjie electr...
SF58G YANGJIE-SF58G Datasheet
190Kb / 2P
   Super Fast Rectifier
logo
Chongqing Pingwei Enter...
SF58G CHONGQING-SF58G Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF58G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ES3A-SMB YFWDIODE-ES3A-SMB Datasheet
91Kb / 2P
   Super Fast recovery rectifiers
logo
Formosa MS
SF5A05F FORMOSA-SF5A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF8A05F FORMOSA-SF8A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF1605CT FORMOSA-SF1605CT Datasheet
101Kb / 6P
   Super Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
SF801 HY-SF801_V01 Datasheet
415Kb / 3P
   Super Fast Recovery Rectifiers
SF1601 HY-SF1601_V01 Datasheet
417Kb / 3P
   Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR460EB NIUHANG-MUR460EB Datasheet
489Kb / 3P
   SUPER FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CMR2S-02 CENTRAL-CMR2S-02_15 Datasheet
298Kb / 2P
   SUPER FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
UTX105 DIGITRON-UTX105 Datasheet
153Kb / 3P
   SUPER-FAST RECOVERY RECTIFIERS
logo
Formosa MS
SF10A05 FORMOSA-SF10A05 Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
SF15A05F FORMOSA-SF15A05F Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com