Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108KBM025M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 108KBM025M
Description  Long Life - High temperature ??RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108KBM025M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  108KBM025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108KBM025M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Long Life - High temperature RoHS Compliant
APPLICATIONS
Switching power supplies Power Adaptors Electronic
Ballasts
Operating Temperature Range
-40°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
6.3
10
16
25
35
50
63
100
Surge Voltage
SVDC
7.9
13
20
32
44
63
79
125
WVDC
6.3
10
16
25
35
50
63
100
tan
δ
.22
.19
.16
.14
.12
.1
.09
.08
Dissipation Factor
120 Hz, 20°C
Add .02 for every 1000uF above 1000uF
.01CV or 3uA, Whichever is greater
Leakage current
2 Minutes
Rated WVDC
6.3
10
16
25 to 100
-25°C to +20°C
4
3
2
2
Low Temperature Stability
Impedance Ratio
(120 Hz)
-40°C to +20°C
8
6
4
3
After application of rated voltage applied at 105°C
WVDC
6.3 to 10
16 to 100
D<6.3mm 4000 Hrs.
D=8 to 10mm 6000 Hrs.
D> 12mm 8000 Hrs.
D<6.3mm 5000 Hrs.
D=8 to 10mm 7000 Hrs.
D> 12mm 10000 Hrs.
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Insulation resistance
>100% of maximum specified value
Frequency (Hz)
Capacitance (uF)
120
1k
10k
100k
.47 to 180
.4
.75
.9
1.0
220 to 560
.5
.85
.94
1.0
680 to 1800
.6
.87
.95
1.0
2200 to 3900
.75
.9
.88
1.0
Ripple Current Multipliers
4700 to 15000
.85
.95
.98
1.0
Lead spacing VS. Case diameter
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
B
1.5
1.5
1.5
1.5
1.5
1.5
1.5
L1=L+1.5mm (L<20mm) Max.
L1=L+2mm (L>20mm) Max
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 108KBM025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108KBM025M ILLINOISCAPACITOR-108KBM025M Datasheet
412Kb / 3P
   10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
108KBM025M ILLINOISCAPACITOR-108KBM025M Datasheet
280Kb / 2P
   Radial Lead Aluminum Electrolytic Capacitors
108KBM025M ILLINOISCAPACITOR-108KBM025M Datasheet
185Kb / 2P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
108KBM025M ILLINOISCAPACITOR-108KBM025M Datasheet
109Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 108KBM025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
GXX ILLINOISCAPACITOR-GXX Datasheet
230Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stablewith temperature ??High frequency ??Long life ??ROHS compliant
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
logo
Dubilier
CEAJ10016TR DUBILIER-CEAJ10016TR Datasheet
160Kb / 2P
   AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
   105oC Long Life, High Temperature Reflow Soldering.
logo
Illinois Capacitor, Inc...
KFM ILLINOISCAPACITOR-KFM Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
logo
Finisar Corporation.
FTL-1319-3D-2.5 FINISAR-FTL-1319-3D-2.5 Datasheet
187Kb / 9P
   RoHS Compliant Long-Wavelength GBIC Transceiver
FTL-1319-3D FINISAR-FTL-1319-3D Datasheet
181Kb / 9P
   RoHS Compliant Long-Wavelength GBIC Transceiver
logo
FSP TECHNOLOGY INC.
FSP18-ZZAP035M FSP-FSP18-ZZAP035M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP030-1FZ1FS FSP-FSP030-1FZ1FS Datasheet
118Kb / 1P
   High Efficiency & Long Life
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com