Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

505MHBS60K4H Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 505MHBS60K4H
Description  Small size - High voltage ??High Capacitance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

505MHBS60K4H Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  505MHBS60K4H Datasheet HTML 1Page - Illinois Capacitor, Inc. 505MHBS60K4H Datasheet HTML 2Page - Illinois Capacitor, Inc. 505MHBS60K4H Datasheet HTML 3Page - Illinois Capacitor, Inc. 505MHBS60K4H Datasheet HTML 4Page - Illinois Capacitor, Inc. 505MHBS60K4H Datasheet HTML 5Page - Illinois Capacitor, Inc. 505MHBS60K4H Datasheet HTML 6Page - Illinois Capacitor, Inc. 505MHBS60K4H Datasheet HTML 7Page - Illinois Capacitor, Inc. 505MHBS60K4H Datasheet HTML 8Page - Illinois Capacitor, Inc. 505MHBS60K4H Datasheet HTML 9Page - Illinois Capacitor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Life Expectancy
>60000 with VAC, >200000 With WVDC applied at +70°C
>30000 with VAC, >100000 With WVDC applied at +85°C
>10000 with 0.8xVAC, >30000 With 0.8xWVDC applied at +100°C
Failure Quota
300/billion component hours
Damp Heat Test
Test Condition
Performance requirements
Temperature= +40°C +2°C
Max Capacitance
change
< +3%% of initially measured
valued
Relative Humidity=93 +2%
DF Change
< 200% of initially specified
valued
Test length= 56 days
Insulation resistance
> 50% of minimum specified
value
Resistance to soldering Heat
Solder bath temperature: +260°C +/-
5°C
Exposure time: 10 seconds +/- 1
second
Max Capacitance change
<1% of initially measured value
DF Change
< .1% at 1kHz
Insulation resistance
>50% of minimum specified value
Construction
Metallized Polypropylene film
Electrodes
Vacuum deposited Metal layers
Coating
Flame retardant Solvent resistant plastic case with epoxy end fill
Lead Terminations
Lead free tinned copper leads


Similar Part No. - 505MHBS60K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505MHBS60K4H ILLINOISCAPACITOR-505MHBS60K4H Datasheet
1Mb / 11P
   Boxed Metallized Polypropylene Film
More results

Similar Description - 505MHBS60K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com