Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

605MHBS50K2J Datasheet(PDF) 10 Page - Illinois Capacitor, Inc.

Part # 605MHBS50K2J
Description  Small size - High voltage ??High Capacitance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

605MHBS50K2J Datasheet(HTML) 10 Page - Illinois Capacitor, Inc.

Back Button 605MHBS50K2J Datasheet HTML 3Page - Illinois Capacitor, Inc. 605MHBS50K2J Datasheet HTML 4Page - Illinois Capacitor, Inc. 605MHBS50K2J Datasheet HTML 5Page - Illinois Capacitor, Inc. 605MHBS50K2J Datasheet HTML 6Page - Illinois Capacitor, Inc. 605MHBS50K2J Datasheet HTML 7Page - Illinois Capacitor, Inc. 605MHBS50K2J Datasheet HTML 8Page - Illinois Capacitor, Inc. 605MHBS50K2J Datasheet HTML 9Page - Illinois Capacitor, Inc. 605MHBS50K2J Datasheet HTML 10Page - Illinois Capacitor, Inc. 605MHBS50K2J Datasheet HTML 11Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MHBS
2,4,6, lug lead radial box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 100 kHz, +70°C
Typical ESR
(mΩ) **,
+25°C
Dimensions
LxHxT (mm)
S (MM)
d (MM)
P (MM)
# Leads
+15°C
+10°C
+5°C
25
1100
256MHBS60K2R
23
14
14
12
4.4
57.5x50x35
52.5
1.2
2
25
1100 256MHBS70KR##
28
26
21
15
3.4
0x0x0
lugs
25
1100
256MHBS60K4R
23
22
17.5
12.5
3.8
57.5x50x35
52.5
1.2
20.3
4
30
575
306MHBS35K4J
19
16.5
13
9.5
4
42.5x37x28
37.5
1.2
10.2
4
30
575
306MHBS35K2J
19
14
12
9
4.6
42.5x37x28
37.5
1.2
2
30
575
306MHBS35KJ##
19
18.5
14.5
10.5
3.8
42.5x37x28
lugs
30
700
306MHBS40KJ##
21
22.5
17.5
13
3.2
42.5x45x30
lugs
30
700
306MHBS40K2J
21
14
14
11
4
42.5x45x30
37.5
1.2
2
30
700
306MHBS40K4J
21
20.5
16
12
3.4
42.5x45x30
37.5
1.2
20.3
4
30
800
306MHBS45K4R
16.5
21
16.5
12
4.1
57.5x45x30
52.5
1.2
20.3
4
30
800
306MHBS45K2R
16.5
14
14
10
4.7
57.5x45x30
52.5
1.2
2
30
800
306MHBS45KR##
16.5
21
16.5
12
4.1
57.5x45x30
lugs
30
1000 306MHBS55KR##
21
24
19
13.5
3.6
57.5x50x35
lugs
30
1000
306MHBS55K2R
21
14
14
11.5
4.3
57.5x50x35
52.5
1.2
2
30
1000
306MHBS55K4R
21
22
17.5
12.5
3.8
57.5x50x35
52.5
1.2
20.3
4
33
1000
336MHBS55K2R
21
14
14
12
4.1
57.5x50x35
52.5
1.2
2
33
1000
336MHBS55K4R
21
23
18.5
13
3.5
57.5x50x35
52.5
1.2
20.3
4
33
1100
336MHBS60K4R
23
24.5
19.5
14.5
3.3
57.5x57.5x38
52.5
1.2
20.3
4
33
1100 336MHBS60KR##
23
25.5
20.5
15
3.1
57.5x57.5x38
lugs
35
575
356MHBS35KJ##
19
21
16.5
12.5
3.5
42.5x45x30
lugs
35
575
356MHBS35K2J
19
14
14
11
4.3
42.5x45x30
37.5
1.2
2
35
575
356MHBS35K4J
19
19
15.5
11
3.7
42.5x45x30
37.5
1.2
20.3
4
35
800
356MHBS45K4R
16.5
20
16
11.5
3.9
57.5x45x30
52.5
1.2
20.3
4
35
800
356MHBS45KR##
16.5
22
17.5
13
3.7
0x0x0
lugs
35
800
356MHBS45K2R
16.5
14
14
11
4.5
57.5x45x30
52.5
1.2
2
35
900
356MHBS50KR##
18.5
24
19
14
3.4
57.5x50x35
lugs
35
900
356MHBS50K2R
18.5
14
14
12
4.2
57.5x50x35
52.5
1.2
2
35
900
356MHBS50K4R
18.5
22
17.5
13
3.6
57.5x50x35
52.5
1.2
20.3
4
35
1100
356MHBS60K6R
23
26
20.5
15
3
57.5x57.5x38
52.5
1.2
10.2
6
35
1100
356MHBS60K4R
23
25
20
14.5
3.2
57.5x57.5x38
52.5
1.2
20.3
4
40
575
406MHBS35K2J
19
14
14
11
4
42.5x45x30
37.5
1.2
2
40
575
406MHBS35K4J
19
20
16
12
3.4
42.5x45x30
37.5
1.2
20.3
4
40
575
406MHBS35KJ##
19
22
17.5
13
3.2
42.5x45x30
lugs
40
700
406MHBS40KR##
14.5
22
17.5
12.5
3.6
57.5x45x30
lugs
40
700
406MHBS40K4R
14.5
20
16
11.5
3.8
57.5x45x30
52.5
1.2
20.3
4
40
700
406MHBS40K2R
14.5
14
14
10.5
4.4
57.5x45x30
52.5
1.2
2
40
800
406MHBS45K2R
16.5
14
14
11.5
4.2
57.5x50x35
52.5
1.2
2
40
800
406MHBS45K4R
16.5
21.5
17.5
12.5
3.6
57.5x50x35
52.5
1.2
20.3
4
40
800
406MHBS45KR##
16.5
23.5
19
14
3.4
57.5x50x35
lugs
40
900
406MHBS50KR2
18.5
14
14
13
3.9
57.5x50x30
52.5
1.2
2
40
900
406MHBS50K4R
18.5
23.5
19
13.5
3.3
57.5x50x30
52.5
1.2
20.3
4
40
1000
406MHBS55K4R
21
25
20
14.5
3.2
57.5x57.5x38
52.5
1.2
20.3
4
40
1000 406MHBS55KR##
21
27.5
22
16.5
3
57.5x57.5x38
lugs
40
1000
406MHBS55K6R
21
26
15
3
3
57.5x57.5x38
52.5
1.2
10.2
6
45
700
456MHBS40KR##
14.5
23
18
13
3.4
57.5x45x30
lugs
45
700
456MHBS40K4R
14.5
21
16.5
12
3.6
57.5x45x30
52.5
1.2
20.3
4
45
700
456MHBS40K2R
14.5
14
14
11
4.2
57.5x45x30
52.5
1.2
2
45
800
456MHBS45K2R
16.5
14
14
12
4
57.5x50x35
52.5
1.2
2
45
800
456MHBS45K4R
16.5
23
18.5
13.5
3.4
57.5x50x35
52.5
1.2
20.3
4
45
800
456MHBS45KR##
16.5
25.5
20
15
3.2
57.5x50x35
lugs
47
800
476MHBS45K4R
16.5
23.5
19
13.5
3.3
57.5x50x35
52.5
1.2
20.3
4
47
800
476MHBS45K2R
16.5
14
14
12.5
3.9
57.5x50x35
52.5
1.2
2
47
900
476MHBS50K4R
18.5
25.5
20.5
15
3
57.5x57.5x38
52.5
1.2
20.3
4
47
900
476MHBS50KR##
18.5
28.5
23
16.5
2.8
57.5x57.5x38
lugs
47
900
476MHBS50K6R
18.5
26.5
21.5
15.5
2.8
57.5x57.5x38
52.5
1.2
10.2
6
50
575
506MHBS35KR##
12.5
21.5
17.5
12.5
3.8
57.5x45x30
lugs
50
575
506MHBS35K4R
12.5
19
15.5
11
4
57.5x45x30
52.5
1.2
20.3
4
50
575
506MHBS35K2R
12.5
14
14
10
4.6
57.5x45x30
52.5
1.2
2


Similar Part No. - 605MHBS50K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
605MABA01KJ ILLINOISCAPACITOR-605MABA01KJ Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
605MABA01KJ ILLINOISCAPACITOR-605MABA01KJ Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
605MABA02KJ ILLINOISCAPACITOR-605MABA02KJ Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
605MABA02KJ ILLINOISCAPACITOR-605MABA02KJ Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
605MABA03KJ ILLINOISCAPACITOR-605MABA03KJ Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
More results

Similar Description - 605MHBS50K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com