Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

167FSR360XHCB Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 167FSR360XHCB
Description  Reduced case size - High voltage ??Low Leakage ??low dissipation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

167FSR360XHCB Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  167FSR360XHCB Datasheet HTML 1Page - Illinois Capacitor, Inc. 167FSR360XHCB Datasheet HTML 2Page - Illinois Capacitor, Inc. 167FSR360XHCB Datasheet HTML 3Page - Illinois Capacitor, Inc. 167FSR360XHCB Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FSR
+55°C, photoflash Radial lead
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
140
360
147FSR360XPAJ
0.632
140
13.5x32
140
360
147FSR360XQJK
0.632
140
14x29
140
360
147FSR360XRJF
0.632
140
14.5x28
140
360
147FSR360XTAD
0.632
140
12.5x35
160
300
167FSR300XJJK
0.553
160
13x29
160
300
167FSR300XKJB
0.553
160
16x21
160
300
167FSR300XPJS
0.553
160
13.5x27
160
300
167FSR300XQJD
0.553
160
14x25
160
300
167FSR300XRJA
0.553
160
14.5x23
160
300
167FSR300XTAG
0.553
160
12.5x30
160
300
187FSR300XKJA
0.491
160
16x23
160
310
167FSR310XBCJ
0.553
160
11x42
160
310 167FSR310XG6CW 0.553
160
10.6x46
160
310
167FSR310XHAJ
0.553
160
12x32
160
310
167FSR310XJAG
0.553
160
13x30
160
310
167FSR310XPJF
0.553
160
13.5x28
160
310
167FSR330XJAB
0.553
160
13x31
160
310
167FSR310XQJW
0.553
160
14x26
160
310
167FSR310XRJC
0.553
160
14.5x24
160
310
167FSR310XTAB
0.553
160
12.5x31
160
330
167FSR330XBCC
0.553
160
11x44
160
330 167FSR330XG6CF
0.553
160
10.6x48
160
330
167FSR330XHAA
0.553
160
12x33
160
330
167FSR330XKJJ
0.553
160
16x22
160
330
167FSR330XPJK
0.553
160
13.5x29
160
330
167FSR330XQJS
0.553
160
14x27
160
330
167FSR330XRJD
0.553
160
14.5x25
160
330
167FSR330XTAJ
0.553
160
12.5x32
160
360
167FSR360XHCB
0.553
160
12x41
160
360
167FSR360XJAF
0.553
160
13x38
160
360
167FSR360XPAW
0.553
160
13.5x36
160
360
167FSR360XQAA
0.553
160
14x33
160
360
167FSR360XRAB
0.553
160
14.5x31
160
360
167FSR360XTAK
0.553
160
12.5x39
180
300
187FSR300XBCD
0.491
160
11x45
180
300
187FSR300XHAC
0.491
160
12x34
180
300
187FSR300XJAJ
0.491
160
13x32
180
300
187FSR300XQJS
0.491
180
14x27
180
300
187FSR300XRJW
0.491
180
14.5x26
180
300
187FSR300XTAA
0.491
180
12.5x33
180
300
187FSR300XLJJ
0.491
180
18x22
180
300
187FSR300XPAG
0.491
180
13.5x30
180
310
187FSR310XBCS
0.491
180
11x47
180
310
187FSR310XHAD
0.491
180
12x35
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
180
310
187FSR310XJAA
0.491
180
13x33
180
310
187FSR310XKJC
0.491
180
16x24
180
310
187FSR310XLJJ
0.491
180
18x22
180
310
187FSR310XPAG
0.491
180
13.5x30
180
310
187FSR310XQJF
0.491
180
14x28
180
310
187FSR310XRJS
0.491
180
14.5x27
180
310
187FSR310XTAC
0.491
180
12.5x34
180
330
187FSR330XQJK
0.491
180
14x29
180
330
187FSR330XRJF
0.491
180
14.5x28
180
330
187FSR330XTAD
0.491
180
12.5x35
180
330
187FSR330XBCF
0.491
180
11x48
180
330
187FSR330XHAS
0.491
180
12x37
180
330
187FSR330XJAC
0.491
180
13x34
180
330
187FSR330XKJD
0.491
180
16x25
180
330
187FSR330XLJA
0.491
180
18x23
180
330
187FSR330XPAJ
0.491
180
13.5x32
180
360
187FSR360XHCD
0.491
180
12x45
180
360
187FSR360XJCJ
0.491
180
13x42
180
360
187FSR360XPAK
0.491
180
13.5x39
180
360
187FSR360XQAW
0.491
180
14x36
180
360
187FSR360XRAC
0.491
180
14.5x34
180
360
187FSR360XTCC
0.491
180
12.5x44
200
360
207FSR360XJCW
0.442
200
13x46
200
360
207FSR360XKAW
0.442
200
16x36
200
360
207FSR360XPCA
0.442
200
13.5x43
200
360
207FSR360XQCG
0.442
200
14x40
200
360
207FSR360XRAF
0.442
200
14.5x38
200
360
207FSR360XTCF
0.442
200
12.5x48
220
360
227FSR360XJDG
0.402
220
13x50
220
360
227FSR360XKAF
0.402
220
16x38
220
360
227FSR360XPCS
0.402
220
13.5x47
220
360
227FSR360XQCJ
0.402
220
14x42
220
360
227FSR360XRCG
0.402
220
14.5x40
250
360
257FSR360XKCJ
0.3981
250
16x42
250
360
257FSR360XLAS
0.3981
250
18x37
250
360
257FSR360XQCS
0.3981
250
14x47
250
360
257FSR360XRCC
0.3981
250
14.5x44
270
360
277FSR360XKCW
0.327
270
16x46
270
360
277FSR360XLAK
0.327
270
18x39
270
360
277FSR360XQDG
0.327
270
14x50
270
360
277FSR360XRCF
0.327
270
14.5x48
300
360
307FSR360XKCF 0.29473
300
16x48
300
360
307FSR360XLCA 0.29473
300
18x43
300
360
307FSR360XMAJ 0.29473
300
20x32


Similar Part No. - 167FSR360XHCB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
167FSR360XHCB ILLINOISCAPACITOR-167FSR360XHCB Datasheet
132Kb / 1P
   Photoflash Aluminum electropolytic capacitors
More results

Similar Description - 167FSR360XHCB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
   High voltage ??Low Leakage ??low dissipation Factor
logo
Dubilier
DSHR DUBILIER-DSHR Datasheet
298Kb / 2P
   ULTRA LOW IMPEDANCE REDUCED SIZE
logo
EUROQUARTZ limited
74USMX EUROQUARTZ-74USMX Datasheet
116Kb / 1P
   Low profile, reduced size SMD crystal
logo
STMicroelectronics
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
   Reduced leakage current
June 2015 Rev 1
logo
Dubilier
DSHR33010TR DUBILIER-DSHR33010TR Datasheet
203Kb / 2P
   CAPACITORS ULTRA LOW IMPEDANCE REDUCED SIZE DSHR
logo
Cornell Dubilier Electr...
930C CDE-930C Datasheet
143Kb / 5P
   Low Dissipation, High Voltage/High Frequency Switching Power Supplies
logo
Knox Semiconductor, Inc
1N6082 KNOX-1N6082 Datasheet
35Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
Diodes Incorporated
BAV3004W DIODES-BAV3004W_15 Datasheet
91Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE LOW LEAKAGE DIODE
logo
Knox Semiconductor, Inc
1N5518 KNOX-1N5518 Datasheet
39Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
LVA3100A KNOX-LVA3100A Datasheet
35Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com