Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104PPR630KE Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 104PPR630KE
Description  High Pulse Currents - High voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104PPR630KE Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  104PPR630KE Datasheet HTML 1Page - Illinois Capacitor, Inc. 104PPR630KE Datasheet HTML 2Page - Illinois Capacitor, Inc. 104PPR630KE Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
High Pulse Currents - High voltage
APPLICATIONS
Power Semiconductor Circuits SCR Commutation
Ballasts controls Switching Power Supplies
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
630
1000
1600
2000
VAC
400
630
650
700
AC voltage (50/60 Hz)
DC: For T>+85°C , The voltage must be decreased by 1.5% per °C
AC: For T> +75°C, The voltage must be decreased by 1.75% per °C
Frequency
(kHz)
C<0.1uF
0.1uF<C<1uF
C>1uF
1
0.04%
0.04%
0.05%
10
0.05%
0.06%
-
Dissipation Factor (MAX)
25°C
100
0.16%
-
-
Capacitance
Insulation Resistance
<0.33
μF
100000 MΩ
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
>0.33
μF
30000 MΩxμF
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
2000 Hours, +85C with 125% of rated voltage
Capacitance Change
<1% of initially measured value
Dissipation Factor
<0.001 at 10kHz and 25°C for C<1uF
<0.001 at 1kHz and 25°C for C>1uF
Load Life
Insulation Resistance
>50% of maximum specified value
1 Fit
Capacitance Change
<10% of initially measured value
Dissipation Factor
<200% of initially specified value
Reliability
(0.5xRated Voltage,
40°C)
1 FIT=1 failure/1 billion
component hours
Insulation Resistance
>50% of maximum specified value
56 days at40°C with 90 to 95%RH, +40°C and no voltage applied
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C
Damp Heat test
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
Capacitance Temperature
Coefficient
-200 ppm/°C, +100ppm/°C
Terminal to Terminal
Dielectric Strength
160% of rated VDC applied for 2 Seconds and 25°C
Dielectric
Polypropylene
Construction
Metallized film
Coating
Flame Retardant plastic box (UL 94V-1) with epoxy resin fill (UL94V0)
Leads
Lead free tinned copper leads


Similar Part No. - 104PPR630KE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PPR630KE ILLINOISCAPACITOR-104PPR630KE Datasheet
399Kb / 4P
   Small Size Polypropylene Film Capacitors for High Pulse Current Applications
104PPR630KE ILLINOISCAPACITOR-104PPR630KE Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
More results

Similar Description - 104PPR630KE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPB ILLINOISCAPACITOR-PPB Datasheet
428Kb / 3P
   High Pulse Currents - High voltage
logo
Cornell Dubilier Electr...
DPPS10D1K-F CDE-DPPS10D1K-F Datasheet
241Kb / 2P
   High Voltage, High Frequency, Ultra High Peak Currents
logo
Beijing Yaohuadechang E...
KMG9626 YHDC-KMG9626 Datasheet
1Mb / 1P
   High-voltage Pulse Transformer
logo
Illinois Capacitor, Inc...
PHB ILLINOISCAPACITOR-PHB Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
logo
Cornell Dubilier Electr...
DMT CDE-DMT Datasheet
64Kb / 3P
   General Purpose, High Peak Currents, High Insulation Resistance
logo
Schurter Inc.
RTS SCHURTER-RTS Datasheet
678Kb / 4P
   SMD thermal fuse for high currents
04.01.2022
logo
Tyco Electronics
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
logo
Texas Instruments
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com