Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

355MABA02KH Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 355MABA02KH
Description  Small size ??Good dvdt ??EN60252-1 rated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

355MABA02KH Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  355MABA02KH Datasheet HTML 1Page - Illinois Capacitor, Inc. 355MABA02KH Datasheet HTML 2Page - Illinois Capacitor, Inc. 355MABA02KH Datasheet HTML 3Page - Illinois Capacitor, Inc. 355MABA02KH Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Voltage
code
WVDC/ SVDC
VAC
Agency standard
Description
Certification
Approval
A04
350/ 425
160
200
UL 810
CSA 22.2
Construction only (E192977)
190-M-1985
30000 hrs. Continuous Service
3000 hrs. Continuous Service
Class A
Class C
A03
500/ 625
275
320
UL 810
CSA 22.2
Construction only (E192977)
190-M-1985
30000 hrs. Continuous Service
10000 hrs. Continuous Service
3000 hrs. Continuous Service
Class A
Class B
Class C
A02
600/ 750
320
400
430
UL 810
CSA 22.2
EN60252-1
EN60252-1
EN60252-1
Construction only (E192977)
190-M-1985
30000 hrs. Continuous Service
10000 hrs. Continuous Service
1000 hrs. Continuous Service
Class A
Class B
Class D
A01
800/ 1050
400
430
500
UL 810
CSA 22.2
EN60252-1
EN60252-1
EN60252-1
Construction only (E192977)
190-M-1985
30000 hrs. Continuous Service
10000 hrs. Continuous Service
3000 hrs. Continuous Service
Class A
Class B
Class C
A05
1200/ 1500
500
600
UL 810
CSA 22.2
Construction only (E192977)
190-M-1985
10000 hrs. Continuous Service
3000 hrs. Continuous Service
Class B
Class C
Terminal Style Selection
S5
5mm+/-1mm
Solid tinned copper wire
L30
30mm+/-5mm
Solid tinned copper wire
CXX
Customer specified
Insulated Solid tinned copper wire
(50-200mm Lead length)
MXX
Customer specified
Insulated Stranded tinned copper wire
(50-200mm Lead length)
Lead Spacing
L
26.5
32
39.5
42.5
S
22.5
27.5
35
37.5
d
0.8
0.8
0.8
1.0
Style S5
Style L30
Style CXX, MXX


Similar Part No. - 355MABA02KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
355MABA02KH ILLINOISCAPACITOR-355MABA02KH Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
355MABA02KH ILLINOISCAPACITOR-355MABA02KH Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
More results

Similar Description - 355MABA02KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
logo
Murata Manufacturing Co...
DLW5BSM501TQ2 MURATA1-DLW5BSM501TQ2_V01 Datasheet
420Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM601TQ2 MURATA1-DLW5BSM601TQ2_V01 Datasheet
420Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM801TQ2 MURATA1-DLW5BSM801TQ2_V01 Datasheet
419Kb / 3P
   Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSZ601TQ2 MURATA1-DLW5BSZ601TQ2_V01 Datasheet
372Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ501TQ2 MURATA1-DLW5BSZ501TQ2_V01 Datasheet
372Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ801TQ2 MURATA1-DLW5BSZ801TQ2_V01 Datasheet
371Kb / 3P
   Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com