Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30150PT Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MBR30150PT
Description  Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR30150PT Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MBR30150PT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR30150PT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
Schottky Barrier Rectifier
MBR30150PT
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.4
/W
ELECTRICAL CHARACTERISTICS (Pulse Test: Pulse Width=300μs,Duty Cycle≤1%)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 15A ; Tc= 25
0.95
V
IF= 15A ; Tc= 125
0.92
IF= 30A ; Tc= 25
1.02
IF= 30A ; Tc= 125
0.98
IR
Maximum Instantaneous Reverse Current
VR= VRWM;Tc= 25
0.5
mA
VR= VRWM;Tc= 125
10


Similar Part No. - MBR30150PT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30150PT MCC-MBR30150PT Datasheet
420Kb / 4P
   30 Amp Power Schottky Rectifier 150 Volts
logo
SUNMATE electronic Co.,...
MBR30150PT SUNMATE-MBR30150PT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR30150PT TSC-MBR30150PT Datasheet
321Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
logo
RFE international
MBR30150PT RFE-MBR30150PT Datasheet
2Mb / 3P
   Schottky Diodes
12-05-2022
logo
Sirectifier Semiconduct...
MBR30150PT SIRECTIFIER-MBR30150PT Datasheet
137Kb / 3P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR30150PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com