Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117S3.3 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1117S3.3
Description  800mA Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1117S3.3 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1117S3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM1117S3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM1117S3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM1117S3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM1117S3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM1117S3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM1117S3.3 Datasheet HTML 11Page - National Semiconductor (TI) LM1117S3.3 Datasheet HTML 12Page - National Semiconductor (TI) LM1117S3.3 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Typical Performance Characteristics (Continued)
LM1117-5.0 Line Transient Response
10091911
Application Note
1.0 External Capacitors/Stability
1.1 Input Bypass Capacitor
An input capacitor is recommended. A 10µF tantalum on the
input is a suitable input bypassing for almost all applications.
1.2 Adjust Terminal Bypass Capacitor
The adjust terminal can be bypassed to ground with a by-
pass capacitor (C
ADJ) to improve ripple rejection. This by-
pass capacitor prevents ripple from being amplified as the
output voltage is increased. At any ripple frequency, the
impedance of the C
ADJ should be less than R1 to prevent the
ripple from being amplified:
1/(2
π*f
RIPPLE*CADJ) < R1
The R1 is the resistor between the output and the adjust pin.
Its value is normally in the range of 100-200
Ω. For example,
with R1 = 124
Ω and f
RIPPLE = 120Hz, the CADJ should be >
11µF.
1.3 Output Capacitor
The output capacitor is critical in maintaining regulator sta-
bility, and must meet the required conditions for both mini-
mum amount of capacitance and ESR (Equivalent Series
Resistance). The minimum output capacitance required by
the LM1117 is 10µF, if a tantalum capacitor is used. Any
increase of the output capacitance will merely improve the
loop stability and transient response. The ESR of the output
capacitor should range between 0.3
Ω -22Ω. In the case of
the adjustable regulator, when the C
ADJ is used, a larger
output capacitance (22µf tantalum) is required.
2.0 Output Voltage
The LM1117 adjustable version develops a 1.25V reference
voltage, V
REF, between the output and the adjust terminal.
As shown in Figure 1, this voltage is applied across resistor
R1 to generate a constant current I1. The current I
ADJ from
the adjust terminal could introduce error to the output. But
since it is very small (60µA) compared with the I1 and very
constant with line and load changes, the error can be ig-
nored. The constant current I1 then flows through the output
set resistor R2 and sets the output voltage to the desired
level.
For fixed voltage devices, R1 and R2 are integrated inside
the devices.
3.0 Load Regulation
The LM1117 regulates the voltage that appears between its
output and ground pins, or between its output and adjust
pins. In some cases, line resistances can introduce errors to
the voltage across the load. To obtain the best load regula-
tion, a few precautions are needed.
Figure 2, shows a typical application using a fixed output
regulator. The Rt1 and Rt2 are the line resistances. It is
obvious that the V
LOAD is less than the VOUT by the sum of
the voltage drops along the line resistances. In this case, the
load regulation seen at the R
LOAD would be degraded from
the data sheet specification. To improve this, the load should
be tied directly to the output terminal on the positive side and
directly tied to the ground terminal on the negative side.
10091917
FIGURE 1. Basic Adjustable Regulator
www.national.com
9


Similar Part No. - LM1117S3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117S3.3 NSC-LM1117S3.3 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117S3.3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com