Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

505PHB250K4H Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 505PHB250K4H
Description  High Current - High voltage ??Good Pulse Current rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

505PHB250K4H Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  505PHB250K4H Datasheet HTML 1Page - Illinois Capacitor, Inc. 505PHB250K4H Datasheet HTML 2Page - Illinois Capacitor, Inc. 505PHB250K4H Datasheet HTML 3Page - Illinois Capacitor, Inc. 505PHB250K4H Datasheet HTML 4Page - Illinois Capacitor, Inc. 505PHB250K4H Datasheet HTML 5Page - Illinois Capacitor, Inc. 505PHB250K4H Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PHB
Metallized Polypropylene,
High Frequency radial lead
box
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
5
250
505PHB250K4H
40
15
2.7
32x28x14
27.4
1.2
5.1
4
5
330
505PHB330K4H
45
17.5
2.6
32x33x18
27.5
1.2
5.1
4
5
330
505PHB330K2H
45
14
3.3
32x33x18
27.5
1.2
2
5
400
505PHB400K4H
55
22
2.1
32x37x22
27.5
1.2
10.2
4
5
400
505PHB400K2H
55
14
2.8
32x37x22
27.5
1.2
2
5
400
505PHB400K2J
40
14
3.7
42.5x30x22
37.5
1.2
2
5
600
505PHB600K2J
55
14
3.3
42.5x37x28
37.5
1.2
2
5
600
505PHB600K4J
55
22.5
2.6
42.5x37x28
37.5
1.2
10.2
4
5
700
505PHB700K2J
70
14
3
42.5x45x30
37.5
1.2
2
5
700
505PHB700K4J
70
25.5
2.3
42.5x45x30
37.5
1.2
20.3
4
5.6
850
565PHB850K4R
110
27
2
57.5x50x35
52.5
1.2
20.3
4
5.6
850
565PHB850K2R
110
14
2.7
57.5x50x35
52.5
1.2
2
6
700
605PHB700K2R
40
14
5
57.5x45x30
52.5
1.2
2
6
700
605PHB700K4R
40
20
4.3
57.5x45x30
52.5
1.2
20.3
4
6
850
605PHB850K4R
110
27
2
57.5x50x35
52.5
1.2
20.3
4
6
850
605PHB850K2R
110
14
2.6
57.5x50x35
52.5
1.2
2
6.8
250
685PHB250K2H
40
14
3.1
32x33x18
27.5
1.2
2
6.8
250
685PHB250K4H
40
18
2.4
32x33x18
27.5
1.2
5.1
4
6.8
330
685PHB330K2H
45
14
2.8
32x37x22
27.5
1.2
2
6.8
330
685PHB330K2J
30
14
3.7
42.5x28x17
37.5
1.2
2
6.8
330
685PHB330K4H
45
22
2.1
32x37x22
27.5
1.2
10.2
4
6.8
400
685PHB400K4J
40
19.5
2.6
42.5x37x28
37.5
1.2
10.2
4
6.8
400
685PHB400K2J
40
14
3.3
42.5x30x22
37.5
1.2
2
6.8
600
685PHB600K2J
55
14
2.8
42.5x45x30
37.5
1.2
2
6.8
600
685PHB600K4J
55
25.5
2.1
42.5x45x30
37.5
1.2
20.3
4
6.8
700
685PHB700K4R
40
21.5
4
57.5x45x30
52.5
1.2
20.3
4
6.8
700
685PHB700K2R
40
14
4.7
57.5x45x30
52.5
1.2
2
8
700
805PHB700K2R
40
14
4.4
57.5x50x35
52.5
1.2
2
8
700
805PHB700K4R
40
23.5
3.7
57.5x50x35
52.5
1.2
20.3
4
9
600
905PHB600K4J
55
27
1.9
42.5x45x30
37.5
1.2
20.3
4
9
600
905PHB600K2J
55
14
2.6
42.5x45x30
37.5
1.2
2
9
700
905PHB700K2R
40
14
4.1
57.5x50x35
52.5
1.2
2
9
700
905PHB700K4R
40
25
3.4
57.5x50x35
52.5
1.2
20.3
4
10
250
106PHB250K2H
40
20.5
2.6
32x33x18
27.5
1.2
2
10
250
106PHB250K2J
25
14
3.6
42.5x28x17
37.5
1.2
2
10
250
106PHB250K4H
40
20.5
1.9
32x33x18
27.5
1.2
10.2
4
10
400
106PHB400K4J
40
24.5
2.1
42.5x37x28
37.5
1.2
20.3
4
10
400
106PHB400K2J
40
14
2.8
42.5x37x28
37.5
1.2
2
10
600
106PHB600K2R
30
14
4.5
57.5x45x30
52.5
1.2
2
10
600
106PHB600K4R
30
22
3.8
57.5x45x30
52.5
1.2
20.3
4
15
250
156PHB250K2J
25
14
3.1
42.5x30x22
37.5
1.2
2
15
330
156PHB330K2J
30
14
2.7
42.5x37x28
37.5
1.2
2
15
330
156PHB330K4J
30
26
2
42.5x37x28
37.5
1.2
10.2
4
15
400
156PHB400K4J
40
27
1.7
42.5x45x30
37.5
1.2
20.3
4
15
400
156PHB400K2J
40
14
2.4
42.5x45x30
37.5
1.2
2
15
600
156PHB600K2R
30
14
3.7
57.5x50x35
52.5
1.2
2
15
600
156PHB600K4R
30
25
3
57.5x50x35
52.5
1.2
20.3
4
20
250
206PHB250K2J
25
14
2.8
42.5x37x28
37.5
1.2
2
20
250
206PHB250K4J
25
24
2.1
42.5x37x28
37.5
1.2
10.2
4
20
330
206PHB330K4J
30
27
1.8
42.5x45x30
37.5
1.2
20.3
4
20
330
206PHB330K2J
30
14
2.5
42.5x45x30
37.5
1.2
2
20
400
206PHB400K4R
20
24.5
3
57.5x45x30
52.5
1.2
20.3
4
20
400
206PHB400K2R
20
14
3.7
57.5x45x30
52.5
1.2
2
22
250
226PHB250K2J
25
14
2.8
42.5x37x28
37.5
1.2
2
22
250
226PHB250K4J
25
25
2.1
42.5x37x28
37.5
1.2
10.2
4
22
400
226PHB400K4R
20
25.5
2.9
57.5x50x35
52.5
1.2
20.3
4
22
400
226PHB400K2R
20
14
3.6
57.5x50x35
52.5
1.2
2
25
250
256PHB250K4J
25
26.5
1.9
42.5x37x28
37.5
1.2
20.3
4


Similar Part No. - 505PHB250K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505PHB250K4H ILLINOISCAPACITOR-505PHB250K4H Datasheet
407Kb / 7P
   Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
More results

Similar Description - 505PHB250K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
   Low ESR - High Current ??High pulse current ratings
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
   Current Rating
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
   Current Rating
logo
Linear Technology
LT1245IN8 LINER-LT1245IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com